データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD203 データシート(PDF) 1 Page - Comset Semiconductor

部品番号 BD203
部品情報  SILCON EPITAXIAL-BASE POWER TRANSITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMSET [Comset Semiconductor]
ホームページ  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD203 データシート(HTML) 1 Page - Comset Semiconductor

  BD203 Datasheet HTML 1Page - Comset Semiconductor BD203 Datasheet HTML 2Page - Comset Semiconductor BD203 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP BD202 – BD204
NPN BD201 – BD203
COMSET SEMICONDUCTORS
1/3
The BD202 and BD204 are PNP transistors mounted in Jedec TO-220 plastic package.
They are primarily intended for use in if-hi equipment delivering an output of 15 to 25 W into 4
Ω or
8
Ω load.
NPN complements are BD201 and BD203
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BD202
45
-VCEO
Collector-Emitter Voltage
BD204
60
V
BD202
60
-VCBO
Collector-Base Voltage
BD204
60
V
BD202
-VEBO
Emitter-Base Voltage
BD204
5.0
V
BD202
-IC
BD204
8
A
BD202
-IC
Collector Current
-ICM
BD204
12
A
BD202
-ICSM
Collector Current (non-repetitive peak value,tp
max.2 ms)
BD204
25
A
BD202
-IB
Base Current
BD204
3
A
BD202
PD
Total Device Dissipation
@ TC = 25°
BD204
60
Watts
BD202
TJ
Junction Temperature
BD204
150
°C
BD202
TStg
Storage Temperature range
BD204
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BD202
RthJ-a
Thermal Resistance, Junction to mounting
base
BD204
70
K/W
BD202
RthJ-mb
Thermal Resistance, Junction to ambient in
free air
BD204
2.08
K/W
S
SIIL
LC
CO
ON
N E
EP
PIIT
TA
AX
XIIA
AL
L--B
BA
AS
SE
E P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIT
TO
OR
RS
S


同様の部品番号 - BD203

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
BD203 CDIL-BD203 Datasheet
54Kb / 2P
   Medium Power Switching and Amplifier Applications
logo
General Semiconductor
BD203 GE-BD203 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Inchange Semiconductor ...
BD203 ISC-BD203 Datasheet
115Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BD203 SAVANTIC-BD203 Datasheet
91Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BD203 COMSET-BD203 Datasheet
193Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
More results

同様の説明 - BD203

メーカー部品番号データシート部品情報
logo
Comset Semiconductor
BD201 COMSET-BD201 Datasheet
193Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD201 COMSET-BD201_12 Datasheet
151Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD202 COMSET-BD202_12 Datasheet
151Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
logo
Micro Electronics
BD241 MICRO-ELECTRONICS-BD241 Datasheet
97Kb / 2P
   NPN SILCON EPITAXIAL BASE POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2SC943 NJSEMI-2SC943 Datasheet
159Kb / 1P
   NPN SILCON EPITAXIAL TRANSISTOR
logo
Toshiba Semiconductor
1SV324 TOSHIBA-1SV324 Datasheet
109Kb / 2P
   DIODE SILCON EPITAXIAL PLANAR TYPE
logo
Central Semiconductor C...
MJE240 CENTRAL-MJE240_15 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
Comset Semiconductor
BUX84 COMSET-BUX84 Datasheet
97Kb / 3P
   SILCON DIFFUSED POWER TRANSISTORS
logo
Central Semiconductor C...
2N4123 CENTRAL-2N4123_15 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
ON Semiconductor
MJ14002 ONSEMI-MJ14002 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com