データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7298BCPZ-RL7 データシート(PDF) 1 Page - Analog Devices

部品番号 AD7298BCPZ-RL7
部品情報  8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7298BCPZ-RL7 データシート(HTML) 1 Page - Analog Devices

  AD7298BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
8-Channel, 1MSPS, 12-Bit SAR ADC
with Temperature Sensor
Preliminary Technical Data
AD7298
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor foranyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights ofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
12 bit SAR ADC
8 single-ended inputs
Channel sequencer functionality
Fast throughput of 1Msps
Analog Input Range 0 to 2.5V
12-bit temperature-to-digital converter
Temperature sensor accuracy of ±2°C typical
Temperature range: −40°C to +125°C
Specified for V
DD of 2.8 V to 3.6V
Logic Voltage V
DRIVE = 1.65V to 3.6V
Power-down current : <10 µA
Internal 2.5V Reference
Internal Power on Reset
High speed serial interface SPI™
20-lead LFCSP
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD7298 is a 12-bit, high speed, low power, 8-channel,
successive approximation ADC with an internal temperature
sensor. The part operates from a single 3.3V power supply and
features throughput rates up to 1MSPS. The device contains a
low noise, wide bandwidth track-and-hold amplifier that can
handle input frequencies in excess of 70 MHz.
The AD7298 offers a programmable sequencer, which enables
the selection of a pre-programmable sequence of channels for
conversion. The device has an on-chip 2.5 V reference that can be
disabled to allow the use of an external reference.
The AD7298 includes a high accuracy band-gap temperature
sensor, which is monitored and digitized by the12-bit ADC to
give a resolution of 0.25°C. The device offers a 4-wire serial
interface compatible with SPI, and DSP interface standards.
The AD7298 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. The part also
offers flexible power/throughput rate management options. The
part is offered in a 20 lead LFCSP package.
PRODUCT HIGHLIGHTS
1. Ideally suited to monitoring system variables in a variety of
systems including telecommunications, process and
industrial control.
1. High Throughput rate of 1Msps per channel with Low
Power Consumption.
2. Eight Single-Ended Inputs with a Channel Sequencer.
A consecutive sequence of channels can be selected on
which the ADC cycles and converts.
3. Integrated temperature sensor with 0.25°C resolution.
Table 1. AD7298 and Related Products
Device
Resolution
Interface
Features
AD7298
12-Bit
SPI
8 Channel ADC & Temp Sensor
AD7291
12-Bit
I2C
8 Channel ADC & Temp Sensor


同様の部品番号 - AD7298BCPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7298BCPZ-RL7 AD-AD7298BCPZ-RL7 Datasheet
452Kb / 25P
   Temperature Sensor
More results

同様の説明 - AD7298BCPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com