データシートサーチシステム |
|
AZP94 データシート(PDF) 5 Page - Arizona Microtek, Inc |
|
AZP94 データシート(HTML) 5 Page - Arizona Microtek, Inc |
5 / 10 page AZP94 June 2009 Rev - 6 www.azmicrotek.com 5 Absolute Maximum Ratings are those values beyond which device life may be impaired. Symbol Characteristic Rating Unit VCC PECL Power Supply (VEE = 0V) 0 to +6.0 Vdc VI PECL Input Voltage (VEE = 0V) 0 to +6.0 Vdc VEE ECL Power Supply (VCC = 0V) -6.0 to 0 Vdc VI ECL Input Voltage (VCC = 0V) -6.0 to 0 Vdc IHGOUT Output Current — Continuous — Surge 50 100 mA TA Operating Temperature Range -40 to +85 °C TSTG Storage Temperature Range -65 to +150 °C 100K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND) -40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Max Min Max Min Max Min Max Unit VOH Output HIGH Voltage1 -1085 -880 -1025 -880 -1025 -880 -1025 -880 mV VOL Output LOW Voltage1 -1900 -1555 -1900 -1620 -1900 -1620 -1900 -1620 mV VIH Input HIGH Voltage D/D ¯, EN (ECL)2 EN (CMOS)3 -1165 VEE+2000 -740 VCC -1165 VEE+2000 -740 VCC -1165 VEE+2000 -740 VCC -1165 VEE+2000 -740 VCC mV VIL Input LOW Voltage D/D ¯, EN (ECL)2 EN (CMOS)3 -1900 VEE -1475 VEE + 800 -1900 VEE -1475 VEE + 800 -1900 VEE -1475 VEE + 800 -1900 VEE -1475 VEE + 800 mV VBB Reference Voltage -1390 -1250 -1390 -1250 -1390 -1250 -1390 -1250 mV IIH Input HIGH Current EN 150 150 150 150 μA IIL Input LOW Current EN (ECL)2 EN (CMOS)3 0.5 -150 0.5 -150 0.5 -150 0.5 -150 μA IEE Power Supply Current1 34 34 34 37 mA 1. Specified with outputs terminated through 50 Ω resistors to VCC - 2V. 2. EN-SEL connected to VEE through a 20kΩ resistor 3. EN-SEL connected VEE or left open (NC) 100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V) -40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Max Min Max Min Max Min Max Unit VOH Output HIGH Voltage1,2 2215 2420 2275 2420 2275 2420 2275 2420 mV VOL Output LOW Voltage1,2 1400 1745 1400 1680 1400 1680 1400 1680 mV VIH Input HIGH Voltage1 D/D ¯ , EN (PECL)3 EN (CMOS)4 2135 2000 2560 VCC 2135 2000 2560 VCC 2135 2000 2560 VCC 2135 2000 2560 VCC mV VIL Input LOW Voltage1 D/D ¯ , EN (PECL)3 EN (CMOS)4 1400 GND 1825 800 1400 GND 1825 800 1400 GND 1825 800 1400 GND 1825 800 mV VBB Reference Voltage1 1910 2050 1910 2050 1910 2050 1910 2050 mV IIH Input HIGH Current EN 150 150 150 150 μA IIL Input LOW Current EN (PECL)3 EN (CMOS)4 0.5 -150 0.5 -150 0.5 -150 0.5 -150 μA IEE Power Supply Current2 34 34 34 37 mA 1. For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value. 2. Specified with outputs terminated through 50 Ω resistors to VCC - 2V. 3. EN-SEL connected to VEE through a 20kΩ resistor 4. EN-SEL connected VEE or left open (NC) |
同様の部品番号 - AZP94_09 |
|
同様の説明 - AZP94_09 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |