データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7995YRJZ-1500RL7 データシート(PDF) 10 Page - Analog Devices

部品番号 AD7995YRJZ-1500RL7
部品情報  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7995YRJZ-1500RL7 データシート(HTML) 10 Page - Analog Devices

Back Button AD7995YRJZ-1500RL7 Datasheet HTML 6Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 7Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 8Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 9Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 10Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 11Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 12Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 13Page - Analog Devices AD7995YRJZ-1500RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7991/AD7995/AD7999
Rev. A | Page 10 of 28
Limit at tMIN, tMAX
Parameter
Conditions
Min
Typ
Max
Unit
Description
t10
Standard mode
300
ns
tFDA, fall time of the SDA signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF maximum
10
80
ns
CB = 400 pF maximum
20
160
ns
t11
Standard mode
1000
ns
tRCL, rise time of the SCL signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF maximum
10
40
ns
CB = 400 pF maximum
20
80
ns
t11A
Standard mode
1000
ns
tRCL1, rise time of the SCL signal after a repeated
start condition and after an acknowledge bit
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF maximum
10
80
ns
CB = 400 pF maximum
20
160
ns
t12
Standard mode
300
ns
tFCL, fall time of the SCL signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF maximum
10
40
ns
CB = 400 pF maximum
20
80
ns
tSP1
Fast mode
0
50
ns
Pulse width of the suppressed spike
High speed mode
0
10
ns
tPOWER-UP
0.6
μs
Power-up and acquisition time
1 Functionality is tested during production.
2 A device must provide a data hold time for SDA in order to bridge the undefined region of the SCL falling edge.
3 For 3 V supplies, the maximum hold time with
CB = 100 pF maximum is 100 ns maximum.
t6
t7
t2
t11
t4
t1
t12
t10
t5
t9
t6
t3
t8
SCL
S
SDA
S = START CONDITION
P = STOP CONDITION
P
P
S
Figure 2. 2-Wire Serial Interface Timing Diagram


同様の部品番号 - AD7995YRJZ-1500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7995YRJZ-1500RL7 AD-AD7995YRJZ-1500RL7 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
More results

同様の説明 - AD7995YRJZ-1500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com