データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVE111 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC100LVE111
部品情報  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100LVE111 データシート(HTML) 4 Page - Motorola, Inc

  MC100LVE111 Datasheet HTML 1Page - Motorola, Inc MC100LVE111 Datasheet HTML 2Page - Motorola, Inc MC100LVE111 Datasheet HTML 3Page - Motorola, Inc MC100LVE111 Datasheet HTML 4Page - Motorola, Inc MC100LVE111 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC100LVE111
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4–4
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02
ISSUE D
G1
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
Z1
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
12.32
12.32
4.20
2.29
0.33
0.66
0.51
0.64
11.43
11.43
1.07
1.07
1.07
2
°
10.42
1.02
2
°
12.57
12.57
4.57
2.79
0.48
0.81
11.58
11.58
1.21
1.21
1.42
0.50
10
°
10.92
10
°
0.485
0.485
0.165
0.090
0.013
0.026
0.020
0.025
0.450
0.450
0.042
0.042
0.042
2
°
0.410
0.040
2
°
0.495
0.495
0.180
0.110
0.019
0.032
0.456
0.456
0.048
0.048
0.056
0.020
10
°
0.430
10
°
1.27 BSC
0.050 BSC
NOTES:
1. DUE TO SPACE LIMITATION, CASE 776-02 SHALL
BE REPRESENTED BY A GENERAL (SMALLER)
CASE OUTLINE DRAWING RATHER THAN
SHOWING ALL 28 LEADS.
2. DATUMS -L-, -M-, -N-, AND -P- DETERMINED
WHERE TOP OF LEAD SHOULDER EXIT PLASTIC
BODY AT MOLD PARTING LINE.
3. DIM G1, TRUE POSITION TO BE MEASURED AT
DATUM -T-, SEATING PLANE.
4. DIM R AND U DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE MOLD PROTRUSION
IS 0.25 (0.010) PER SIDE.
5. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
6. CONTROLLING DIMENSION: INCH.
7. 776-01 IS OBSOLETE, NEW STANDARD 776-02.
-N-
Y BRK
D
D
W
-M-
-L-
-P-
28
1
V
28
LEADS
ACTUAL
DETAIL S
B
U
Z1
G1
X
VIEW D-D
H
K1
K
F
DETAIL S
G
C
Z
A
R
E
0.10 (0.004)
SEATING
PLANE
-T-
0.18 (0.007) M
T
S
N
S
L
–P S
–M S
0.18 (0.007) M
T
S
N
S
L
–P S
–M S
S
S
SS
0.25 (0.010) M
TN
L
–P
–M
S
S
SS
0.18 (0.007) M
TL
N
–M
–P
S
S
SS
0.18 (0.007) M
TL
N
–M
–P
S
S
SS
0.25 (0.010)
T
L
N
–M
–P
S
S
SS
0.18 (0.007) M
TL
N
–M
–P
S
S
SS
0.18 (0.007) M
TN
L
–P
–M
S
S
SS
S
S
SS
0.18 (0.007) M
TL
N
–M
–P
0.18 (0.007) M
TN
L
–P
–M
J
S


同様の部品番号 - MC100LVE111

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FN ONSEMI-MC100LVE111FN Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE111FN ONSEMI-MC100LVE111FN Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FNG ONSEMI-MC100LVE111FNG Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
More results

同様の説明 - MC100LVE111

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com