データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDUY13733-S6-LTS データシート(PDF) 3 Page - LIGITEK electronics co., ltd.

部品番号 LDUY13733-S6-LTS
部品情報  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGITEK [LIGITEK electronics co., ltd.]
ホームページ  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDUY13733-S6-LTS データシート(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDUY13733-S6-LTS Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDUY13733-S6-LTS Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDUY13733-S6-LTS Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDUY13733-S6-LTS Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDUY13733-S6-LTS Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDUY13733-S6-LTS Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Forward
voltage
@
mA(V)
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
COLOR
Water Clear
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO
LDUY13733/S6-LTS
Emitted
Lens
Yellow
MATERIAL
Min.
5000
Max.
Min.
2.6
1.7
20
Typ.
24
9500
Typical Electrical & Optical Characteristics (Ta=25
)
Ratings
Storage Temperature
Tstg
Electrostatic Discharge( * )
Operating Temperature
Topr
ESD
-40 ~ +100
-40 ~ +85
150
V
Symbol
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
PD
Ir
IFP
Forward Current
IF
Parameter
10
mW
μA
mA
DUY
mA
UNIT
Absolute Maximum Ratings at Ta=25
Page 2/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
30
90
120
AlGaInP
15
590
LDUY13733/S6-LTS
PART NO.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*


同様の部品番号 - LDUY13733-S6-LTS

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LDUY13733 LIGITEK-LDUY13733 Datasheet
126Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

同様の説明 - LDUY13733-S6-LTS

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com