データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34825 データシート(PDF) 2 Page - Freescale Semiconductor, Inc

部品番号 MC34825
部品情報  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34825 データシート(HTML) 2 Page - Freescale Semiconductor, Inc

  MC34825 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34825
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
VDDIO
I2C_SDA
I2C_SCL
INT
TEST1
TEST2
RXD
TXD
D+
D-
SPK_R
SPK_L
MIC
GND
ID
DM
DP
ISET
OUT
VBUS
VDD
Reset
I2C
Interface
Interrupt
Test
Logic
Output
UART
Switches
USB
Switches
Audio
Switches
VBUS
OSC
VBUS
Detect
Registers
and
State
Machine
Internal
Supplies
Gate
Drive &
OCP
ID ADC
ID
Detect
Figure 2. 34825 Simplified Internal Block Diagram


同様の部品番号 - MC34825

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC3481 MOTOROLA-MC3481 Datasheet
246Kb / 5P
   QUAD SINGLE ENDED LINE DRIVER
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
More results

同様の説明 - MC34825

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
34825 FREESCALE-34825_10 Datasheet
971Kb / 39P
   Micro-USB Interface IC
logo
Teridian Semiconductor ...
73S8009CN TERIDIAN-73S8009CN Datasheet
355Kb / 30P
   Combo ISO-7816 and USB Universal Smart Card Interface IC
logo
SHENZHEN FUMAN ELECTRON...
FM100 FUMAN-FM100 Datasheet
292Kb / 9P
   Fast charging interface IC
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
   Interface control chip supporting QC2.0 fast charging protocol
logo
ETA SOLUTIONS CO. LIMIT...
ETA2831 ETA-ETA2831 Datasheet
152Kb / 1P
   36V Input, 3.5A output USB Charging Total Solution IC in QFN3x3-16
logo
SHENZHEN FUMAN ELECTRON...
FM6808 FUMAN-FM6808 Datasheet
672Kb / 8P
   USB charging interface intelligent control chip
FM6600B FUMAN-FM6600B Datasheet
276Kb / 8P
   USB charging interface intelligent control chip
logo
List of Unclassifed Man...
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
   Video & Audio Interface solution via USB
logo
Ultralife Corporation.
CH0006 ULTRALIFE-CH0006 Datasheet
184Kb / 2P
   Vehicle charging solution
02 MAY 17 Rev: F
logo
Monolithic Power System...
MP5030C MPS-MP5030C Datasheet
900Kb / 17P
   USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com