データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34844 データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MC34844
部品情報  10 Channel LED Backlight Driver with Integrated Power Supply
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844 データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34844 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34844
PIN CONNECTIONS
26
SDA
Bidirectional
I2C data
I2C data Line
27
SCK
Bidirectional
I2C clock
I2C clock line
28
VDC1
Output
Internal Regulator 1
Decoupling capacitor for internal logic rail
29
COMP
Passive
Compensation pin
Boost converter Type compensation pin
30
M/~S
Input
Master/Slave selector
Selects Master mode (1) or Slave mode (0)
31
VDC2
Output
Internal Regulator 2
Decoupling capacitor for internal regulator
32
VOUT
Input
Voltage Output
Boost Output voltage sense pin
EP
GND
-
Ground
Ground Reference for all internal circuits other than Boost FET
Table 1. 34844 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 11.
Pin Number
Pin Name
Pin Function
Formal Name
Definition


同様の部品番号 - MC34844

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

同様の説明 - MC34844

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com