データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFD415-6SBKS-XX データシート(PDF) 5 Page - LIGITEK electronics co., ltd.

部品番号 LFD415-6SBKS-XX
部品情報  FOUR DIGIT LED DISPLAY(0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGITEK [LIGITEK electronics co., ltd.]
ホームページ  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD415-6SBKS-XX データシート(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD415-6SBKS-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD415-6SBKS-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Iv(mcd)
LFD416SBKS-XX/RP146-PF
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LFD415SBKS-XX/RP146-PF
PART NO
λD
(nm)
common
cathode
or anode
Emitted
Blue
InGaN/SiC
Material
CHIP
Common
Anode
Common
Cathode
Electrical
460
26
△λ
(nm)
4.2
3.5
8.5
Max.
Typ.
Vf(v)
Min.
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Reverse Current Per Any Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Storage Temperature
Operating Temperature
Symbol
Parameter
Tstg
Topr
Ir
PD
IFP
IF
50
-25 ~ +85
-25 ~ +85
SBKS
30
100
120
Ratings
2:1
15.25
IV-M
Typ.
UNIT
μA
mW
mA
mA
Page 4/8
Electrostatic Discharge( * )
ESD
500
V
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
LFD415/6SBKS-XX/RP146-PF
PART NO.


同様の部品番号 - LFD415-6SBKS-XX

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP33-PF LIGITEK-LFD415-62-XX-RP33-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP5 LIGITEK-LFD415-62-XX-RP5 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

同様の説明 - LFD415-6SBKS-XX

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-6SBKS-XX-PF LIGITEK-LFD4H5-6SBKS-XX-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP75-PF LIGITEK-LFD415-62-XX-RP75-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP65 LIGITEK-LFD415-62-XX-SRP65 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-65-XX-RP6-PF LIGITEK-LFD415-65-XX-RP6-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com