データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF4S022 データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 LF4S022
部品情報  1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LF4S022 データシート(HTML) 1 Page - Bothhand USA, LP.

  LF4S022 Datasheet HTML 1Page - Bothhand USA, LP. LF4S022 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA.
e-mail: sales@bothhandusa.com
http://www.bothhand.com
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
P/N : LF4S022 “LAN-MATE” SERIES
Page : 1/2
A0(10/01)
Feature
!
RJ-45 connector integrated with filter .
!
Size same as RJ-45 connector to save PCB Board space.
!
Reduce EMI radiation, improve EMI performance.
!
Operating temperature range: 0℃to +70℃.
!
Storage temperature range: -40℃to +125℃
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Type
(POLE)
Part
Number
TX
RX
TX
RX
CUT OFF Frequency
(TX/RX)
Voltage isolation
(Vrms)
LF4S022
1CT:1CT
1CT:1CT
7
5
17 MHz±1 MHz
1200
Continue
Insertion Loss
TX/RX(dB Max.)
Return Loss
TX/RX(dB Min)
Attenuation
TX/RX(dB Max)
Cross talk
Attenuation
TX/RX(dB Min)
Common Mode
Rejection
TX/RX (dB Min)
Part
Number
1–10MHz
5-10MHz
20MHz 25MHz 30MHz 40MHz
1-10MHz
30-100MHz
LF4S022
-1.0
-13.5
-5/-4.2 -18/-11 -28/-16 -33/-26
-30/-30
-30/-30
Schematic
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


同様の部品番号 - LF4S022

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LF4 GOOD-ARK-LF4 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
logo
National Semiconductor ...
LF400 NSC-LF400 Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
logo
Tyco Electronics
LF400 MACOM-LF400 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
LF400ACH NSC-LF400ACH Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
More results

同様の説明 - LF4S022

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
LA4S109LF BOTHHAND-LA4S109LF Datasheet
189Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA4T109 BOTHHAND-LA4T109 Datasheet
145Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS
LA4S109-XX BOTHHAND-LA4S109-XX Datasheet
167Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS & 2LEDS
LA4T109-XX BOTHHAND-LA4T109-XX Datasheet
168Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS & LEDS
LU4S515 BOTHHAND-LU4S515 Datasheet
249Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041A1 BOTHHAND-LU4T041A1 Datasheet
140Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041XLF BOTHHAND-LU4T041XLF Datasheet
189Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
KLA4S109LF BOTHHAND-KLA4S109LF Datasheet
221Kb / 2P
   1000 BASE-T RJ45 1x4 INTEGRATED MAGNETICS CONNECTOR
LU4S041X BOTHHAND-LU4S041X Datasheet
254Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041 BOTHHAND-LU4S041_1 Datasheet
245Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com