データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1206A データシート(PDF) 7 Page - Ceramate Technical

部品番号 SMV1206A
部品情報  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CERAMATE [Ceramate Technical]
ホームページ  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

SMV1206A データシート(HTML) 7 Page - Ceramate Technical

  SMV1206A Datasheet HTML 1Page - Ceramate Technical SMV1206A Datasheet HTML 2Page - Ceramate Technical SMV1206A Datasheet HTML 3Page - Ceramate Technical SMV1206A Datasheet HTML 4Page - Ceramate Technical SMV1206A Datasheet HTML 5Page - Ceramate Technical SMV1206A Datasheet HTML 6Page - Ceramate Technical SMV1206A Datasheet HTML 7Page - Ceramate Technical SMV1206A Datasheet HTML 8Page - Ceramate Technical SMV1206A Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TYPE
SMV1206A
□□□KRR MODEL
PAGE
7/9
CITATION
DATE
Feb. 13, 2009
SUBJECT
Soldering
REV.
C01
3)Soldering Iron
Rated Power of 20w max with 3mm soldering tip in diameter.
Temperature of soldering iron tip 380℃max,3-5sec ( The required amount of solder shall be melted
in advance on the soldering tip.)
4)Cooling
After soldering. The Varistors shall be cooled gradually at room ambient temperature.
5.6.2 Recommended Soldering Condition 2(Without preheating)
1)Solder iron tip shall not directly touch to ceramic dielectrics.
2)Solder iron tip shall be fully preheated before soldering while soldering iron tip to the external
electrode of Varistors.
5.7 Post Soldering Cleaning
5.7.1 Residues of corrosive soldering fluxes on the PC board after cleaning may greatly have influences on the
electrical characteristic and the reliability (such as humidity resistance)of the Varistors which have been
mounted on the board. It shall be confirmed that the characteristic and the reliability of the devices are not
affected by the applied cleaning conditions.
5.7.2. When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards. Following conditions are
recommended for preventing failures or damages of the devices due to the large vibration energy and the
resonance caused by the ultrasonic waves.
1)Frequency 29MHz max
2)Radiated Power 20w/lithr max
3)Period 5minuets max


同様の部品番号 - SMV1206A

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1206-079LF SKYWORKS-SMV1206-079LF Datasheet
413Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Ceramate Technical
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
More results

同様の説明 - SMV1206A

メーカー部品番号データシート部品情報
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com