データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSD355-6SBKS-XX-P19-PF データシート(PDF) 5 Page - LIGITEK electronics co., ltd.

部品番号 LSD355-6SBKS-XX-P19-PF
部品情報  SINGLE DIGIT LED DISPLAY (0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGITEK [LIGITEK electronics co., ltd.]
ホームページ  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD355-6SBKS-XX-P19-PF データシート(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD355-6SBKS-XX-P19-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD355-6SBKS-XX-P19-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
-25 ~ +85
Tstg
Storage Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
λD
(nm)
460
Part Selection And Application Information(Ratings at 25)
InGaN/SiC
Material
LSD355SBKS-XX/P19-PF
PART NO
Common
Cathode
Common
Anode
Bule
common
cathode
or anode
Emitted
CHIP
Electrical
Max.
3.5
26
4.2
Typ.
△λ
(nm)
Vf(v)
2:1
7.2
12.8
IV-M
Min.
Typ.
Iv(mcd)
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Operating Temperature
Reverse Current Per Any Chip
Topr
PD
Ir
Forward Current Per Chip
Parameter
IFP
IF
Symbol
-20 ~ +80
120
50
μA
mW
100
30
Ratings
SBKS
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Page 4/8
LSD356SBKS-XX/P19-PF
V
500
ESD
Electrostatic Discharge( * )
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
LSD355/6SBKS-XX/P19-PF
PART NO.


同様の部品番号 - LSD355-6SBKS-XX-P19-PF

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results

同様の説明 - LSD355-6SBKS-XX-P19-PF

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62P-XX LIGITEK-LSD355-62P-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-65-XX-PF LIGITEK-LSD355-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com