データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSD3012P-XX-PF データシート(PDF) 9 Page - LIGITEK electronics co., ltd.

部品番号 LSD3012P-XX-PF
部品情報  SINGLE DIGIT LED DISPLAY (0.3 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGITEK [LIGITEK electronics co., ltd.]
ホームページ  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3012P-XX-PF データシート(HTML) 9 Page - LIGITEK electronics co., ltd.

  LSD3012P-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD3012P-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Thermal Shock Test
Solder Resistance
Test
High Temperature
High Humidity Test
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Low Temperature
Storage Test
High Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
Reliability Test:
Test Item
Operating Life Test
Test Condition
Description
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/8
PART NO. LSD3012P-XX-PF


同様の部品番号 - LSD3012P-XX-PF

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LSD3014-XX LIGITEK-LSD3014-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
More results

同様の説明 - LSD3012P-XX-PF

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LSD3922-XX-P7-PF LIGITEK-LSD3922-XX-P7-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-PF LIGITEK-LSD3922-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3014-XX LIGITEK-LSD3014-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3021-XX LIGITEK-LSD3021-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3222-XX-PF LIGITEK-LSD3222-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com