データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD62783784AP データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TD62783784AP
部品情報  8CH HIGH-VOLTAGE SOURCE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62783784AP データシート(HTML) 2 Page - Toshiba Semiconductor

  TD62783784AP Datasheet HTML 1Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 2Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 3Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 4Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 5Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 6Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 7Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 8Page - Toshiba Semiconductor TD62783784AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TD62783,784AP/AFW
2001-07-05
2
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
50
V
Output Current
IOUT
−500
mA / ch
VIN (Note 1)
15
Input Voltage
VIN (Note 2)
30
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
AP
1.47
Power Dissipation
AFW
PD
0.92 / 1.31 (Note 3)
W
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: Only TD62783AP / AFW
Note 2: Only TD62784AP / AFW
Note 3: On Glass Epoxy PCB (75 × 114 × 1.6 mm Cu 20%)
RECOMMENDED OPERATING CONDITIONS (Ta = −40~85°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VCC
50
V
Duty = 10% 8Circuits
−260
Duty = 50% 8Circuits
−59
Output Current
Duty = 10% 8Circuits
−180
AFW
IOUT
Ta = 85°C
Tj = 120°C
Tpw = 25ms
Duty = 50% 8Circuits
−38
mA /
ch
TD62783AP / AFW
12
Input
Voltage
TD62784AP / AFW
VIN
24
V
TD62783AP / AFW
2.0
5.0
15
Output
On
TD62784AP / AFW
VIN (ON)
4.5
12.0
30
TD62783AP / AFW
0
0.8
Input
Voltage
Output
Off
TD62784AP / AFW
VIN (OFF)
0
2.0
V
AP
50
Clamp Diode Reverse
Voltage
AFW
VR
35
V
Clamp Diode Forward Current
IF
400
mA
AP
Ta = 85°C
0.76
Power Dissipation
AFW
PD
Ta = 85°C
(Note)
0.48
W
Note:
On Glass Epoxy PCB (75 × 114 × 1.6 mm Cu 20%)


同様の部品番号 - TD62783784AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783AF TOSHIBA-TD62783AF Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783AF TOSHIBA-TD62783AF Datasheet
180Kb / 11P
   8 ch High-Voltage Source Driver
TD62783AFG TOSHIBA-TD62783AFG Datasheet
182Kb / 11P
   8 ch High-Voltage Source Driver
TD62783AFN TOSHIBA-TD62783AFN Datasheet
230Kb / 7P
   8CH HIGH-VOLTAGE HIGH SOURCE-CURRENT DRIVER
More results

同様の説明 - TD62783784AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
   8CH HIGH−VOLTAGE SOURCE DRIVER
TD62786AFN TOSHIBA-TD62786AFN Datasheet
210Kb / 6P
   8CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com