データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM44E00 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LM44E00
部品情報  EMR SERIES REED RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM44E00 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LM44E00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM44E00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM44E00 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
All characteristics at 20
°C.
LQ
2-Form-C
10 Pin DIP
LM
2-Form-C
16 Pin DIP
LX
2-Form-C
16 Pin DIP
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Contact Ratings
Switching Voltage
Max DC/PeakAC Resistive
V
L
-
-
220
-
-
150
-
-
220
Volts
Max AC/RMS Resistive
V
L
-
-
250
-
-
125
-
-
250
Volts
Switching Current
Max DC
I
L
-
-
2
-
-
2
-
-
2
Amps
Carry Current
Max DC
I
C
-
-
2
-
-
2
-
-
2
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
-
30/62.5
-
-
30/60
-
60/125
-
w/VA
Life Expectancy
Mechanical
-
-
100
-
-
20
-
-
20
-
x106 Ops
2A, 24 VDC
-
-
10
-
-
10
-
-
10
-
x104 Ops
0.5A, 125 VAC
-
-
20
-
-
20
-
-
20
-
x104 Ops
0.5A, 24 VDC
-
-
2
-
-
2
-
-
2
-
x106 Ops
Static Contact Resistance
CR
-
50
-
100
-
-
100
m
Contact Material
-
-
Au
-
-
Au
-
Au
-
-
-
-
-
Ag Alloy
-
-
AgPd
-
AgPd
-
-
-
Relay Specifications
Insulation Resistance
Between all isolated pins
IR
109
--
109
--
109
--
at 100V, 25
°C, 40% RH
Capacitance
Across Open Contacts
-
-
0.5
-
-
0.9
-
-
1.5
-
pF
Open Contact to Coil
-
-
1.0
-
-
1.9
-
-
1.7
-
pF
Dielectric Strength
Across Open Contacts
-
1000
-
-
500
-
-
1000
-
-
VAC
Coil to Contacts
-
1000
-
-
1000
-
-
1500
-
-
VAC
Adjacent Poles
-
1000
-
-
1000
-
-
1500
-
-
VAC
Operate Time,
At Nominal Coil Voltage
T
OP
--
6
-
-
10
--
7
ms
including bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression
T
REL
--
3
-
-
3
--
4
ms
Environmental Ratings
Storage Temperature
T
A
-40
-
+85
-30
-
+80
-40
-
+80
°C
Operating Temperature
T
O
-40
-
+85
-30
-
+80
-40
-
+80
°C
Soldering Temperature
Applied to pins, 5 sec. max.
-
-
-
+260
-
-
+260
-
-
+260
°C
Vibration Resistance
10Hz - 55Hz
G
-
-
20
-
-
10
-
-
30
G
Shock Resistance
11
±1ms, 1/
2
Sine Wave
S
-
-
50
-
-
50
-
-
50
G
Weight
-
-
1.2
-
-
5
-
-
3.7
-
grams
EMR SERIES REED RELAYS
LM s LX s LQ
DEVICES
SRC
www.srcdevices.com
2
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


同様の部品番号 - LM44E00

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM4401K LEIDITECH-LM4401K Datasheet
1Mb / 5P
   Low Gate Charge N?묬hannel Device
logo
Pulse A Technitrol Comp...
LM440C PULSE-LM440C Datasheet
395Kb / 3P
   UHF 406-512 MHz
LM440C PULSE-LM440C Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
Connor-Winfield Corpora...
LM442-155.52M CONNOR-WINFIELD-LM442-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Texas Instruments
LM442-MIL TI1-LM442-MIL Datasheet
793Kb / 25P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
More results

同様の説明 - LM44E00

メーカー部品番号データシート部品情報
logo
Standex Electronics, In...
MHV05-1A STANDEX-MHV05-1A Datasheet
748Kb / 4P
   MHV Series Reed Relays
Version 01 30 Sep 2022
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
2900 COTO-2900 Datasheet
504Kb / 2P
   2900 SERIES REED RELAYS
2200 COTO-2200 Datasheet
525Kb / 2P
   2200 SERIES REED RELAYS
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
logo
List of Unclassifed Man...
D1C24C ETC2-D1C24C Datasheet
961Kb / 1P
   REED RELAYS SERIES 80
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
   Reed Relays
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com