データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N139 データシート(PDF) 9 Page - Lite-On Technology Corporation

部品番号 6N139
部品情報  Property of Lite-On Only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

6N139 データシート(HTML) 9 Page - Lite-On Technology Corporation

Back Button 6N139 Datasheet HTML 5Page - Lite-On Technology Corporation 6N139 Datasheet HTML 6Page - Lite-On Technology Corporation 6N139 Datasheet HTML 7Page - Lite-On Technology Corporation 6N139 Datasheet HTML 8Page - Lite-On Technology Corporation 6N139 Datasheet HTML 9Page - Lite-On Technology Corporation 6N139 Datasheet HTML 10Page - Lite-On Technology Corporation 6N139 Datasheet HTML 11Page - Lite-On Technology Corporation 6N139 Datasheet HTML 12Page - Lite-On Technology Corporation 6N139 Datasheet HTML 13Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Electrical Specifications
Part No. : 6N138 / 6N139 series
Page : 9
of 15
BNS-OD-C131/A4
Parameters
Test Condition
Symbol
Device
Min
Typ
Max
Units
Input
Input Forward Voltage
IF =1.6mA, TA=25℃
VF
1.1
1.7
V
Input Forward Voltage
Temperature Coefficient
IF=1.6mA
∆VF/∆Ta
-1.9
mV/℃
Input Reverse Voltage
IR = 10µA TA=25℃
BVR
5
-
-
V
Input Capacitance
VF=0; f=1MHZ
CIN
6N138
6N139
-
60
-
pF
Detector
IF=1.6mA;Vo=0.4V;
Vcc=4.5V
6N138
300
1600
2600
IF=0.5mA;Vo=0.4V;
Vcc=4.5V
400
2000
5000
Current transfer ratio
IF=1.6mA;Vcc=0.4V;
Vcc=4.5V
CTR
6N139
500
1600
2600
%
IF=1.6mA;Vcc=4.5V;
Io=4.8mA
6N138
-
0.1
0.4
IF=0.5mA;Vcc=4.5V;
Io=2mA
IF=1.6mA;Vcc=4.5V;
Io=8mA
IF=5mA;Vcc=4.5V;
Io=15mA
-
0.1
Logic low output voltage
IF=12mA;Vcc=4.5V;
Io=24mA
VOL
6N139
-
0.2
0.4
V
IF=0mA, Vo=Vcc=7V
TA=25℃
6N138
-
0.05
250
Logic high output current
IF=0mA, Vo=Vcc=18V
TA=25℃
IOH
6N139
-
0.1
100
μA
Logic low supply current
IF=1.6mA, Vo=open
(Vcc=18V)
IccL
6N138
6N139
-
0.4
1.5
mA
Logic high supply current
IF=0mA, Vo=open ;
TA=25℃ (Vcc=18V)
IccH
6N138
6N139
-
0.01
10
uA
*All Typical at TA =25
°C


同様の部品番号 - 6N139

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Vishay Siliconix
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

同様の説明 - 6N139

メーカー部品番号データシート部品情報
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com