データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL15316ZI-XXX データシート(PDF) 9 Page - SpectraLinear Inc

部品番号 SL15316ZI-XXX
部品情報  Programmable Spread Spectrum Clock Generator (SSCG)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPECTRALINEAR [SpectraLinear Inc]
ホームページ  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15316ZI-XXX データシート(HTML) 9 Page - SpectraLinear Inc

Back Button SL15316ZI-XXX Datasheet HTML 4Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 5Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 6Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 7Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 8Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 9Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 10Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 11Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev 1.0, August 7, 2008
Page 9 of 12
SL15316
CL=15pF, 20 to 80% of VDD
Output Rise/Fall Time
tr/f6
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.65
-
ns
Output Rise/Fall Time
tr/f7
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.50
-
ns
Cycle-to-Cycle Jitter
CCJ1
FIN=25MHz Clock, all 5 clocks are
at 66MHz, +/-1.0% Spread.
CL=10pF, VDD=VDDO1/2=3.3V
-
TBD
TBD
ps
Cycle-to-Cycle Jitter
CCJ2
FIN=25MHz Clock, all 5 clocks are
at 166MHz, +/-1.0% Spread.
CL=10pF, VDD=VDDO1/2=3.3V
-
TBD
TBD
ps
Power-down Time
tPD
Time from PD# falling edge to Hi-Z
at outputs (Asynchronous)
-
150
350
ns
Power-up Time
(Crystal or Clock)
tPU
Time from PD# rising edge to valid
frequency at outputs
(Asynchronous)
-
3.5
5.0
ms
Output Enable Time
tOE
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
450
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
450
ns
Spread Percent Range
SPR-1
Center Spread, all programmed
SSCLKs
+/-0.125
-
+/-2.5
%
Spread Percent Range
SPR-2
Down Spread, all programmed
SSCLKs
-5.0
-
-0.25
%
Spread Percent Variation
ΔSS%
Variation of programmed Spread %
-20
-
20
%
Modulation Frequency
FMOD
Programmable, 31.5 kHz standard
25
31.5
120
kHz
Power Supply Ramp
Time
tPSR
Time for VDD reaching minimum
specified value and monolithic
power supply ramp
-
-
12
ms


同様の部品番号 - SL15316ZI-XXX

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
AMETHERM Circuit Protec...
SL1530003 AMETHERM-SL1530003 Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-A AMETHERM-SL1530003-A Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-B AMETHERM-SL1530003-B Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-L AMETHERM-SL1530003-L Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

同様の説明 - SL15316ZI-XXX

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com