データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL38000ZC-XXX データシート(PDF) 5 Page - SpectraLinear Inc

部品番号 SL38000ZC-XXX
部品情報  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPECTRALINEAR [SpectraLinear Inc]
ホームページ  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZC-XXX データシート(HTML) 5 Page - SpectraLinear Inc

  SL38000ZC-XXX Datasheet HTML 1Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 2Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 3Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 4Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 5Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 6Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 7Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 8Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev 1.1, August 7, 2008
Page 5 of 12
SL38000
Input High Current
IIH
VIN=VDD, Input Pins are
programmed as PD#, OE, SSON#
or FS, and no pull-up/down resister
used
-10
-
10
μA
Input Low Current
IIL
VIN=GND, Input Pins are
programmed as PD#, OE, SSON#
or FS, and no pull-up/down resister
used
-10
-
10
μA
Pull-up or Down
Resistors
RPU/D
If Programmed at pins PD#, OE,
SSON#, FS and CLKOUT
100
175
250
kΩ
Operating Supply
Current
IDD1
FIN=27MHz and all 7 clocks are
at 33MHz and CL=0
-
16
TBD
mA
Operating Supply
Current
IDD2
FIN=27MHz and all 9 clocks are
at 66MHz and CL=0
-
22
TBD
mA
Standby Current
ISBC
PD#=GND
-
90
120
μA
Output Leakage Current
IOL
OE=GND at CLKOUT pins
-10
-
10
μA
Minimum setting value
-
8
-
pF
Maximum setting value
-
40
-
pF
Programmable
Input Capacitance at
Pins 1 and 28
Cin
Cout
Resolution (programming steps)
-
0.5
-
pF
Input Capacitance
CIN2
Pins 4 and 8 if programmed as
PD#, OE, SSON or FS
-
4
6
pF
Load Capacitance
CL
All CLKOUT outputs
-
-
15
pF
AC Electrical Characteristics (C-Grade)
Unless otherwise stated VDDA=VDDX= 2.5V to 3.3V+/-10%, CL=15pF and Ambient Temperature range 0 to +70 Deg C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Frequency Range
FIN1
Crystal or Ceramic Resonator
8
-
48
MHz
Input Frequency Range
FIN2
External Clock
3
-
166
MHz
Output Frequency Range FOUT1
CLKOUT, VDDO=3.3V to 2.5V
3
-
200
MHz
Output Frequency Range FOUT2
CLKOUT, VDDO=1.8V
3
-
166
MHz
Output Frequency Range FOUT3
REFCLK, crystal or resonator input
0.25
-
48
MHz
Output Duty Cycle
DC1
SSCLK
45
50
55
%
Output Duty Cycle
DC2
REFCLK , Xtal input
45
50
55
%
Output Duty Cycle
DC3
REFCLK, clock input
40
50
60
%
Input Duty Cycle
DCIN
Clock Input, Pin 3
40
50
60
%
Cycle-to-Cycle Jitter
(SSCLK – Pins 4/6/7/8)
CCJ1
FIN=27MHz, all 7 clocks are
programmed at 66MHz, CL=15pF
-
180
TBD
ps
Cycle-to-Cycle Jitter
(SSCLK – Pins 4/6/7/8)
CCJ2
FIN=27MHz, all 9 clocks are
programmed at 66MHz, CL=15pF
-
220
TBD
ps
Power supply Ramp
Time
tPSR
Time for VDD reaching minimum
specified value and monolitic power
supply ramp
-
-
12
ms


同様の部品番号 - SL38000ZC-XXX

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL38000ZC-15AH SILABS-SL38000ZC-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AHT SILABS-SL38000ZC-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

同様の説明 - SL38000ZC-XXX

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com