データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL38000ZC-XXX データシート(PDF) 8 Page - SpectraLinear Inc

部品番号 SL38000ZC-XXX
部品情報  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPECTRALINEAR [SpectraLinear Inc]
ホームページ  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZC-XXX データシート(HTML) 8 Page - SpectraLinear Inc

Back Button SL38000ZC-XXX Datasheet HTML 4Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 5Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 6Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 7Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 8Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 9Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 10Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 11Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev 1.1, August 7, 2008
Page 8 of 12
SL38000
Programmable Output Clock (CLKOUT) Rise and Fall Times
The output clock rise and fall times (tr/tf) of each clock output can be programmed independently to match drive level
to load impedance.
Programming
Code
VDDO=3.3V
CL=15pF
VDDO=2.5V
CL=15pF
VDDO=1.8V
CL=15pF
Unit
000
4.00
4.80
5.60
ns
001
2.00
2.60
3.20
ns
010
1.40
1.80
2.20
ns
011
1.10
1.40
1.70
ns
100
0.85
1.10
1.40
ns
101
0.70
0.90
1.10
ns
110
0.55
0.70
0.90
ns
Table 1. Programmable CLKOUT Rise and Fall Times
Notes:
1. All typical values are at respective nominal VDD values.
2. The worst case rise and fall times variations are +/- 20% for C-Grade and +/-30% for I-grade.
I2C-Bus Timing Specifications
STANDARD-MODE
FAST-MODE
PARAMETER
SYMBOL
MIN.
MAX.
MIN.
MAX.
UNIT
SCL Clock
Frequency
fSCL
0
100
0
400
kHz
START hold
time
tHD;STA
4.0
-
0.6
-
μs
SCLK LOW
period
tLOW
4.7
-
1.3
-
μs
SCLK HIGH
period
tHIGH
4.0
-
0.6
-
μs
START Set-
up time
tSU;DAT
4.7
-
0.6
-
μs
SDA set-up
time
tSU;DAT
250
-
100
-
ns
SDA/SCLK
rise time
tR
-
1000
-
300
ns


同様の部品番号 - SL38000ZC-XXX

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL38000ZC-15AH SILABS-SL38000ZC-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AHT SILABS-SL38000ZC-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

同様の説明 - SL38000ZC-XXX

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com