データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N976 データシート(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

部品番号 1N976
部品情報  0.5W SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
ホームページ  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N976 データシート(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  1N976 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N976 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
(1)The Zener impedance is derived from the 1kHz Ac voltage which results when an AC current having an RMS value equal to 10%
of the Zener current (1 ) is superimposed o
Zener impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
(2)valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
(3)Measured with device junction in thermal equilibrium.
ZT
ZT
n1
1N957
6.8
4.9
5.2
47
0.050
4.5
1.0
0.5
0.25
18.5
VZNOM
V
VV
IZT
ZZT
ZZK
IZK
IR
Test-Voltage
Suffix A
Suffix B
mA
mA
mA
%/ C
A
1N958
7.5
5.4
5.7
42
150
0.058
5.5
16.5
1N959
8.2
5.9
6.2
38
75
0.062
15
1N960
9.1
6.6
6.9
35
50
0.068
14
1N961
10
7.2
7.6
32
10
0.075
12.5
1N962
11
8.0
8.4
28
5
5
0.076
5
11.5
1N963
12
8.6
9.1
26
0.077
11.5
10.5
1N964
13
9.4
9.9
24
0.079
13
9.5
1N965
15
10.8
11.4
21
0.082
16
8.5
1N966
16
11.5
12.2
19
0.083
17
7.8
1N967
18
13.0
13.7
17
0.085
21
7.0
1N968
20
14.4
15.2
15
0.086
25
6.2
1N969
22
15.8
16.7
14
0.087
29
5.6
1N970
24
17.3
18.2
14
0.088
33
5.2
1N971
27
19.4
20.6
11
0.090
41
4.6
1N972
30
21.6
22.8
10
0.091
49
4.2
1N973
33
23.8
25.1
9.0
0.092
58
3.8
1N974
36
25.9
27.4
8.5
0.093
70
3.4
1N975
39
28.1
29.7
7.8
0.094
80
3.2
1N976
43
31.0
32.7
7.0
0.095
93
3.0
1N977
47
33.8
35.8
6.4
0.095
105
700
750
1000
1500
2.7
1N978
51
36.7
38.8
5.9
0.096
125
2.5
Zener Voltage
range
1)
2)
2)
3)


同様の部品番号 - 1N976

メーカー部品番号データシート部品情報
logo
Semtech Corporation
1N976 SEMTECH-1N976 Datasheet
172Kb / 3P
   SILICON PLANAR ZENER DIODES?
logo
Shanghai Lunsure Electr...
1N976 CHENYI-1N976 Datasheet
46Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
1N976 GOOD-ARK-1N976 Datasheet
34Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N976 MCC-1N976 Datasheet
97Kb / 2P
   0.5W Silicon Planar Zener Diodes
logo
Microsemi Corporation
1N976 MICROSEMI-1N976 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
More results

同様の説明 - 1N976

メーカー部品番号データシート部品情報
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com