データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

O1.0-JV75-B-3.3-15-B データシート(PDF) 1 Page - Jauch Quartz Gmbh

部品番号 O1.0-JV75-B-3.3-15-B
部品情報  SMD Voltage Control Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAUCH [Jauch Quartz Gmbh]
ホームページ  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O1.0-JV75-B-3.3-15-B データシート(HTML) 1 Page - Jauch Quartz Gmbh

  O1.0-JV75-B-3.3-15-B Datasheet HTML 1Page - Jauch Quartz Gmbh O1.0-JV75-B-3.3-15-B Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
7.5 max.
#6 #5 #4
#1 #2 #3
1.8±0.1
2 x 2.54±0.1
2 x 2.54±0.1
1.4±0.1
#1
Dimensions
in mm
top view
side view
bottom view
pad layout
Oscillator · VCXO · 3.3 V
actual size
Order Information
Example: O 20.0-JV75-C-3.3-10-B
(LF = RoHS compliant / Pb free pins or pads)
O
frequency
in MHz
type
frequency stability
in ppm
pulling range
in ppm
supply voltage
in Volt
Oscillator
1.0 ~ 125.0 MHz
JV75
C = ± 25 ppm
B = ± 50 ppm
not available > 52.0 MHz
3.3 = 3.3 V
05 = ±50 ppm
10 = ±100 ppm
15 = ±150 ppm
not available > 80.0 MHz
on request, if < 52.0 MHz
B = standard
A = optional
blank = -10 °C ~ + 70 °C
T1 = -40 °C ~ + 85 °C
optional
pin connection A
# 1: Vcontrol
# 2: nc
# 3: ground
# 4: output
# 5: e/d
# 6: VDD
standard
pin connection B
# 1: Vcontrol
# 2: e/d
# 3: ground
# 4: output
# 5: nc
# 6: VDD
two pinout versions available
reflow soldering temperature: 260 °C max.
ceramic/metal package
Table 1: Frequency Stability Code
stability code
BC
± 50 ppm
± 25 ppm
-10 °C ~ +70 °C
OO
-40 °C ~ +85 °C
OO
standard O available
not available > 52.0 MHz
General Data
type
frequency range
frequency stability over all*
current consumption
supply voltage VDC
frequency pulling range min.
pulling control voltage
pulling linearity max.
temperature
operating
storage
output
rise & fall time
load max.
current max.
low level max.
high level min.
standby function
start-up time max.
symmetry at 0.5 x VDC
JV75 3.3 V
1.0 ~ 125.0 MHz
± 25ppm / ± 50ppm
see table 1
see table 2
3.3 V ± 10%
± 50ppm / ± 100ppm / ± 150ppm
1.65 V ± 1.65 V
± 10%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-40 °C ~ +85 °C
see table 3
15pF
4mA
0.1 x VDC
0.9 x VDC
yes
10ms
45% ~ 55% typ. (40% ~ 60% max.)
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
SMD Voltage Control Crystal Oscillator · 7.5 x 5.0 mm
pin version
option
▲◗
not available > 80.0 MHz
on request, if < 52.0 MHz
260209
Table 2: Current Consumption max.
Recommendation
1.0 ~ 29.9 MHz
15 mA
30.0 ~ 44.9 MHz
20 mA
45.0 ~ 51.9 MHz
25 mA
52.0 ~ 125.0 MHz
35 mA
Current at 15pF load:
Table 3: Rise & Fall Time max.
6.0 ns:
1.0 ~ 39.9 MHz
5.0 ns: 40.0 ~ 125.0 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
To avoid phase noise or FM modulation in the output frequency spectrum,
we recommend to feed the Vcontrol input pin by a low source impedance.


同様の部品番号 - O1.0-JV75-B-3.3-15-B

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
O1.8-JO75H-D-3.3-1 JAUCH-O1.8-JO75H-D-3.3-1 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-3.3-1-T1 JAUCH-O1.8-JO75H-D-3.3-1-T1 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-3.3-2 JAUCH-O1.8-JO75H-D-3.3-2 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-3.3-2-T1 JAUCH-O1.8-JO75H-D-3.3-2-T1 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-5.0-1 JAUCH-O1.8-JO75H-D-5.0-1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
More results

同様の説明 - O1.0-JV75-B-3.3-15-B

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
JV75-5.0V JAUCH-JV75-5.0V Datasheet
216Kb / 2P
   SMD Voltage Control Crystal Oscillator
logo
TEMEX
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
   SMD Voltage Control Crystal Oscillator
logo
Jauch Quartz Gmbh
JV53-5.0V JAUCH-JV53-5.0V Datasheet
151Kb / 2P
   SMD Voltage Control Crystal Oscillator
JV53-3.3V JAUCH-JV53-3.3V Datasheet
151Kb / 2P
   SMD Voltage Control Crystal Oscillator
logo
Abracon Corporation
APVV ABRACON-APVV Datasheet
795Kb / 2P
   CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JCO923 JAUCH-JCO923 Datasheet
98Kb / 2P
   Voltage Control Crystal Oscillator
logo
Vectron International, ...
VX-708 VECTRON-VX-708 Datasheet
3Mb / 4P
   Voltage Control Crystal Oscillator
logo
Jauch Quartz Gmbh
JCO924 JAUCH-JCO924 Datasheet
98Kb / 2P
   Voltage Control Crystal Oscillator
logo
Abracon Corporation
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com