データシートサーチシステム |
|
O12.0-JSS53-A-3.3-D4-1-T1 データシート(PDF) 2 Page - Jauch Quartz Gmbh |
|
O12.0-JSS53-A-3.3-D4-1-T1 データシート(HTML) 2 Page - Jauch Quartz Gmbh |
2 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice Oscillator · Spread Spectrum · JSS53 · 3.3 V Direction of feed 8.0±0.1 ø 1.50 min. 4.0 0.3±0.05 1.5±0.1 3.5±0.1 ø 1.5±0.1 ±0.1 2.0±0.05 Taping Specification 500 pcs per reel 2.0 120 ° ±0.2 ±1 ø20.2 12.4 +2.0/-0.0 temperature ( °C) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 °C max. 180 ±5 °C 220 ±5 °C Reflow Soldering Profile note: parts are also suitable for soldering systems with lead (Pb) content – standard packing units are 500 pieces per reel – non-multiple packing units are only supplied taped / bulk Packing Note Marking S VDD C spread / frequency stability / date code date code: A ~ M: Jan.- Dec. 7: 2007 8: 2008 9: 2009 Jan. Febr. Mar. Apr. May June AB C D E F July Aug. Sept. Oct. Nov. Dec. GH J K L M Enable / Disable Function pin #1 (e/d control) pin #3 (output) open active high ”1” (VIH ≥ 0.8 VDC) active low ”0” (VIL ≤ 0.2 VDC) high impedance standby current: 20 µA max. stop function: • oscillator stops • output high impedance in mm |
同様の部品番号 - O12.0-JSS53-A-3.3-D4-1-T1 |
|
同様の説明 - O12.0-JSS53-A-3.3-D4-1-T1 |