データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1S110LF データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 LA1S110LF
部品情報  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LA1S110LF データシート(HTML) 1 Page - Bothhand USA, LP.

  LA1S110LF Datasheet HTML 1Page - Bothhand USA, LP. LA1S110LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
P/N:LA1S110 LF
Page : 1/2
Feature
l
Isolation @ 60Hz : Input to output:1500Vrms.
l
Comply with RoHS requirements-whole part No Cd, No Hg, No
Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
0.3-30MHz
30-60MHz
60-100MHz
HI-POT
(Vrms)
LA1S110 LF
1CT:1CT
1CT:1CT
350
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ Load 100Ω
CMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
30-40MHz
40-50MHz
50-80MHz
1-30MHz
30-60MHz
60-125MHz
LA1S110 LF
-1.0
-16
-13.5
-11.5
-10
-30
-25
-20
Schematic
Bothhandusa.com
LA1S110 LF


同様の部品番号 - LA1S110LF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
LA1S110-43LF BOTHHAND-LA1S110-43LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICSAND LEDS
LA1S110EXLF BOTHHAND-LA1S110EXLF Datasheet
101Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
More results

同様の説明 - LA1S110LF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
LA1S109-LF BOTHHAND-LA1S109-LF Datasheet
174Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1S110EXLF BOTHHAND-LA1S110EXLF Datasheet
101Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1E109-2-4D1LF BOTHHAND-LA1E109-2-4D1LF Datasheet
189Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1S109LF BOTHHAND-LA1S109LF Datasheet
172Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1S109 BOTHHAND-LA1S109 Datasheet
118Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS
LA1S109-43 BOTHHAND-LA1S109-43 Datasheet
147Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS
KLA1T109LF BOTHHAND-KLA1T109LF Datasheet
391Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1S109LF BOTHHAND-LA1S109LF_1 Datasheet
131Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA4S109LF BOTHHAND-LA4S109LF Datasheet
189Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA4T109 BOTHHAND-LA4T109 Datasheet
145Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com