データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q20.0-JO22H-D-1.8-1 データシート(PDF) 2 Page - Jauch Quartz Gmbh

部品番号 Q20.0-JO22H-D-1.8-1
部品情報  High Stability Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAUCH [Jauch Quartz Gmbh]
ホームページ  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q20.0-JO22H-D-1.8-1 データシート(HTML) 2 Page - Jauch Quartz Gmbh

  Q20.0-JO22H-D-1.8-1 Datasheet HTML 1Page - Jauch Quartz Gmbh Q20.0-JO22H-D-1.8-1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Marking
frequency
J / stability code / date code
date code:
A ~ M: Jan.- Dec.
9: 2009
0: 2010
1: 2011
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · JO22H · 1.8 V · Low Power
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note
4.0
ø 1.55
Feeding
2.25±0.05
4.0
1.15±0.05
Taping Specification
500 pcs per reel, 1000 pcs per reel on request
in mm
in mm
2.0
ø 13±0.5
120
°
9.0


同様の部品番号 - Q20.0-JO22H-D-1.8-1

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
Q20.0-MQ1-10-10 JAUCH-Q20.0-MQ1-10-10 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-100 JAUCH-Q20.0-MQ1-10-100 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-3 JAUCH-Q20.0-MQ1-10-3 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-30 JAUCH-Q20.0-MQ1-10-30 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-5 JAUCH-Q20.0-MQ1-10-5 Datasheet
96Kb / 2P
   Quartz Crystal
More results

同様の説明 - Q20.0-JO22H-D-1.8-1

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-5.0V JAUCH-JO75H-5.0V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-3.3V JAUCH-JO75H-3.3V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO53H-3.3V JAUCH-JO53H-3.3V Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com