データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2608B データシート(PDF) 5 Page - Sitronix Technology Co., Ltd.

部品番号 ST2608B
部品情報  8-bit Integrated Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITRONIX [Sitronix Technology Co., Ltd.]
ホームページ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2608B データシート(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST2608B Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2608B Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ST2608B
5/34
4
SIGNAL DESCRIPTIONS
1.
Signal Function Groups
Function Group
Pad No.
Designation
Description
Power
VCC , PVCC, AVCC
VCC: Power supply for system
AVCC: Power supply for LCD function
PVCC: Power supply for PSGO and PSGOB
NOTE: PVCC level must not be higher than VDD level.
Ground
GND , PGND
GND: System power ground
PGND: Power ground for PSGO and PSGOB
System control
RESET ,
TEST,
MMD/ CS0
RESET : Active low system reset signal input
TEST: Leave this pin open when normal operation
MMD/
CS0 : Memory modes selection pin
Normal mode: Enable internal ROM.
MMD/ CS0 is connected to GND.
Emulation mode: Disable internal ROM.
MMD/ CS0 is connected to the chip-select pin of external
ROM. During reset period, the MMD/ CS0 is an internally
pulled-up input pin. After reset cycles, MMD/ CS0 is
changed to be an output pin. It will output signal CS0 .
Clock
XIO,OSCI
OSCXO,OSCXI, ,
High frequency oscillator (OSC) mode selected by code-option
Crystal mode: One crystal or resonator should be connected
between OSCI and XIO
Resistor oscillator mode: One resistor should be connected
between OSCI and VCC
OSCXI, OSCXO: Connect one 32768Hz crystal between these
two pins when using low frequency oscillator
WR / SEG9,
RD / SEG8
External memory R/W control signals / LCD Segment drivers
A[22:0]/SEG32~SEG10
External memory address bus / LCD Segment drivers
External memory
bus signals
/ LCD drivers
D[7:0]/SEG7~SEG0
External memory data bus / LCD Segment drivers
PSG/PWM DAC
PSGO, PSGOB
PSG outputs. Connect to one buzzer or speaker
Keyboard scan
signal (return line)
PA7~0
I/O port A
GPIO / LCD drivers
PB7~0/SEG63~SEG56
I/O port B / LCD Segment drivers
Chip selects / LCD
drivers
1
~
CS5
/PD4~0 /
SEG37~SEG33,
CS6 /A23/PD5 /SEG38
I/O port D and chip-select outputs / LCD Segment drivers
UART
RXD0/PC7,TXD0/PC6,
RXD1/PD7/SEG40,TXD1/
PD6/SEG39
UART signals and I/Os / LCD Segment drivers
SPI
DATA_READY /PC5 ,
SS /PC4 , SDO/PC3 ,
SDI/PC2 , SCK/PC1
SPI signals and I/Os


同様の部品番号 - ST2608B

メーカー部品番号データシート部品情報
logo
International Rectifier
ST2600C IRF-ST2600C Datasheet
156Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2600CR IRF-ST2600CR Datasheet
76Kb / 6P
   Double side cooling
logo
Sitronix Technology Co....
ST2601B SITRONIX-ST2601B Datasheet
619Kb / 35P
   8-bit Integrated Microcontroller
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Inchange Semiconductor ...
ST26025A ISC-ST26025A Datasheet
144Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

同様の説明 - ST2608B

メーカー部品番号データシート部品情報
logo
Sitronix Technology Co....
ST2604B SITRONIX-ST2604B Datasheet
654Kb / 33P
   8-bit Integrated Microcontroller
ST2602B SITRONIX-ST2602B Datasheet
591Kb / 34P
   8-bit Integrated Microcontroller
ST2601B SITRONIX-ST2601B Datasheet
619Kb / 35P
   8-bit Integrated Microcontroller
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
   Highly Integrated 8-Bit Flash Microcontroller
ST2202 ETC-ST2202 Datasheet
1Mb / 65P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
ST2204 SITRONIX-ST2204 Datasheet
684Kb / 24P
   8 BIT Integrated Microcontroller with 512K Bytes ROM
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com