データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7585 データシート(PDF) 1 Page - Sitronix Technology Co., Ltd.

部品番号 ST7585
部品情報  66 x 102 Dot Matrix LCD Controller/Driver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITRONIX [Sitronix Technology Co., Ltd.]
ホームページ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 データシート(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7585 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Sitronix
ST7585
66 x 102 Dot Matrix LCD Controller/Driver
Ver 1.0c
1/51
2009/04/14
1. INTRODUCTION
ST7585 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102-segment and
65-common with 1-icon-common driver circuits. This chip is connected directly to a microprocessor which accepts 3-line or
4-line serial peripheral interface (SPI) or 8-bit parallel interface. Display data stores in an on-chip display data RAM
(DDRAM) of 66 x 102 bits. It performs display data RAM read/write operation with no external operating clock to minimize
power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a
display system with the fewest components.
2. FEATURES
Single-chip LCD Controller & Driver
Driver Output Circuits
102-segment / 65-common+1-icon-common (1/66 duty)
On-chip Display Data RAM
-
Capacity: 66X102= 6,732 bits
Microprocessor Interface
-
8-bit parallel bi-directional interface for 6800-series
or 8080-series MPU
-
3-line & 4-line SPI (serial peripheral interface) are
available (write only)
-
Compatible with I
2C interface
External RESB (reset) Pin
Built-in Oscillation Circuit
-
Oscillator requires no external component
Built-in OTP (One-Time Programmable) Function
Low Power Consumption Analog Circuit
-
Voltage booster (X5)
-
Voltage regulator generates LCD operating voltage
(Temperature Gradient: -0.05%/
°C)
-
Electronic contrast control (32 steps)
-
Voltage follower generates LCD bias voltages
(1/7 and 1/9 bias)
Wide Supply Voltage Range
-
VDD1
– VSS1 : 1.8V ~ 3.3V (covers 1.7V~3.4V)
-
VDD2
– VSS2 : 2.7V ~ 3.3V (covers 2.6V~3.4V)
Recommend Display Supply Voltage
-
Vop: 8.5V ~ 9.5V (1/9 bias)
LCD Module Size: 1.4
” (up to 1.8”)
Temperature Range: -30
°C ~ +85°C
ST7585
6800 , 8080 , 4-Line , 3-Line interface
ST7585i
I
2C interface
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


同様の部品番号 - ST7585

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
   FSK, PSK multi-mode power line networking system-on-chip
logo
Sitronix Technology Co....
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
   4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
   81 x 132 Dot Matrix LCD Controller/Driver
More results

同様の説明 - ST7585

メーカー部品番号データシート部品情報
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
   66 x 102 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
   68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
   68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com