データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7625 データシート(PDF) 1 Page - Sitronix Technology Co., Ltd.

部品番号 ST7625
部品情報  65K Color Dot Matrix LCD Controller/Driver
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITRONIX [Sitronix Technology Co., Ltd.]
ホームページ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7625 データシート(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7625 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
ST
Sitronix
ST7625
65K Color Dot Matrix LCD Controller/Driver
Ver 1.6
1/160
2008/07
1. INTRODUCTION
The ST7625 is a driver & controller LSI for 65K color graphic dot-matrix liquid crystal display systems. It generates 306
Segment and 96 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral
Interface (SPI) or 8-bit/16-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM
read/write operation with no external operating clock to minimize power consumption. In addition, because it contains
power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.
2. FEATURES
Driver Output Circuits
♦ 306 Segment Outputs / 96 Common Outputs
Applicable Duty Ratios
♦ Various Partial Display
♦ Partial Window Moving & Data Scrolling
Gray-Scale Display
♦ 4FRC & 31 PWM function circuit to display
♦ 64 gray-scale display
♦ Support 8 color mode (Idle mode)
On-chip Display Data RAM
♦ Capacity: 102 x 96 x 16 =156,672 bits
Color support by Interface
♦ 256 color mode, (RGB)=(332) mode
♦ 4K color mode, (RGB)=(444) mode
♦ 65K color mode, (RGB)=(565) mode
♦ Truncated 262K color mode, (RGB)=(666) mode
♦ Truncated 16M color mode, (RGB)=(888) mode
Microprocessor Interface
♦ 8/16-bit parallel bi-directional interface with 6800-series
or 8080-series
♦ 4-line serial interface
♦ 3-line (9-bits) serial interface
On-chip Low Power Analog Circuit
♦ On-chip Oscillator Circuit
♦ On-chip Voltage Converter (x2, x3, x4, x5, x6, x7, X8)
with internal booster capacitors.
♦ Extremely Few Outsider Components. (Required
outsider components: Three Capacitors)
♦ On-chip Voltage Regulator
♦ On-chip Electronic Contrast Control Function
♦ Voltage Follower (LCD bias: 1/5~1/12)
Operating Voltage Range
♦ Supply Digital Voltage (VDD, VDD1): 1.65 to 3.0V
♦ Supply Analog Voltage (VDD2, VDD3, VDD4, VDD5):
2.4 to 3.3V
♦ LCD Driving Voltage (VOP = V0 - VSS): Max to 18V
LCD Driving Voltage (OTP)
♦ Contrast Adjustment Value is stored in the Built-In
OTP-ROM for better display quality.
LCD Driving setting suggestion
♦ VOP = 11V, BIAS=1/9. (VDD=2.8V)
Package Type
♦ Application for COG
ST7625-G3
Chip thickness=400um
ST7625-G4
Chip thickness=300um
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


同様の部品番号 - ST7625

メーカー部品番号データシート部品情報
logo
Sitronix Technology Co....
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results

同様の説明 - ST7625

メーカー部品番号データシート部品情報
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com