データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8008 データシート(PDF) 8 Page - Sitronix Technology Co., Ltd.

部品番号 ST8008
部品情報  80 Output LCD Segment Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITRONIX [Sitronix Technology Co., Ltd.]
ホームページ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8008 データシート(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST8008 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ST8008
V0.3
8/21
2004/04/05
FUNCTIONAL DESCRIPTION
Pin Functions
SYMBOL
FUNCTION
VDD
Logic system power supply pin, connected to +2.5 to +5.5 V.
VSS
Ground pin, connected to 0 V.
V0 V2 V3
This is a multi-level power supply for the liquid crystal drive. The voltage Supply applied is
determined by the liquid crystal cell, and is changed through the use of a resistive voltage divided or
through changing the impedance using an op. amp. Voltage levels are determined based on VSS,
and must maintain the relative magnitudes shown below.
V0
V2
V3
Vss
DI3-DI0
Input pins for display data
In 4-bit parallel input mode, input data into the 4 pins, DI3-DI0.
In serial input mode, input data into the 1 pin DI0.
Connect DI3-DI1 to VSS or VDD
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
XCK
Clock input pin for taking display data
* Data is read at the falling edge of the clock pulse.
LP
Latch pulse input pin for display data
Data is latched at the falling edge of the clock pulse.
XDISPOFF
Control input pin for output of non-select level
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and controls the
LCD drive circuit.
When set to VSS level "L", the LCD drive output pins (SEG0~SEG79) are set to level Vss.
When set to "L", the contents of the line latch are reset, but the display data are read in the
data latch regardless of the condition of /DISPOFF. When the XDISPOFF function is canceled,
the driver outputs non-select level (V2 or V3), then outputs the contents of the data latch at the
next falling edge of the LP. At that time, if XDISPOFF removal time does not correspond to what is
shown in AC characteristics, it cannot output the reading data correctly.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
FR
AC signal input pin for LCD drive waveform
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and controls the
LCD drive circuit.
Normally it inputs a frame inversion signal.
The LCD drive output pins' output voltage levels can be set using the line latch output signal and
the FR signal.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
P/S
Interface Mode selection pin
When P/S is “H” then parallel data input mode.


同様の部品番号 - ST8008

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
845Kb / 26P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
More results

同様の説明 - ST8008

メーカー部品番号データシート部品情報
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1514 SHARP-LH1514 Datasheet
987Kb / 20P
   80 OUTPUT LCD SEGMENT DRIVER
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
Sitronix Technology Co....
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
   120 Output LCD Segment driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com