データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TGF1350 データシート(PDF) 4 Page - TriQuint Semiconductor

部品番号 TGF1350
部品情報  Discrete MESFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIQUINT [TriQuint Semiconductor]
ホームページ  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF1350 データシート(HTML) 4 Page - TriQuint Semiconductor

  TGF1350 Datasheet HTML 1Page - TriQuint Semiconductor TGF1350 Datasheet HTML 2Page - TriQuint Semiconductor TGF1350 Datasheet HTML 3Page - TriQuint Semiconductor TGF1350 Datasheet HTML 4Page - TriQuint Semiconductor TGF1350 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
4
RF CHARACTERISTICS
DC CHARACTERISTICS
V
DS = 3 V, IDS = 15mA, TA = 25
O
C
TA = 25OC
*V
DSS = VDS @ IDSS
**V
DS for IDSS is the drain voltage between 0.5V and 3.5V at which drain current is highest.
EQUIVALENT SCHEMATIC
PARAMETER
TEST CONDITIONS
TYP
UNIT
NFMIN
Min im u m n o is e fig u re
1 0 GHz
1 .5
1 8 GHz
2 .5
d B
GA
As s o ciated g ain
1 0 GHz
1 1
1 8 GHz
7
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
V(BR)GDO Gate–d rain breakdown vo ltag e
IGS = 1.0m A per m m
- 6
V
V(BR)GSO Gate–s ource breakdown vo ltag e
IGD = 1.0m A per m m
- 6
V
VGS(OFF) Gate–s o u rce cu to ff (p in ch –o ff)
VDS = VDSS*
- 0.5 - 1.2 - 3
V
vo ltag e
I D = 0.5m A per m m
IDSS
Zero –g ate–vo ltag e d rain cu rren t
VDS = 0.5 V to 3.5V**
30
50
100
m A
at s atu ratio n
VGS = 0
GM
DC tran s conductance
VDS = 0.5 V to VDSS*
40
50
78
m A
VGS = - 0.25V
TGF1350-SCC


同様の部品番号 - TGF1350

メーカー部品番号データシート部品情報
logo
TriQuint Semiconductor
TGF1350-SCC TRIQUINT-TGF1350-SCC Datasheet
121Kb / 7P
   Discrete MESFET
TGF1350 TRIQUINT-TGF1350_15 Datasheet
121Kb / 7P
   Discrete MESFET
More results

同様の説明 - TGF1350

メーカー部品番号データシート部品情報
logo
TriQuint Semiconductor
TGF1350 TRIQUINT-TGF1350_15 Datasheet
121Kb / 7P
   Discrete MESFET
logo
Mimix Broadband
CF001-01 MIMIX-CF001-01_08 Datasheet
364Kb / 3P
   GaAs MESFET Transistor
logo
Filtronic Compound Semi...
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
   2-10GHz MESFET Amplifier
logo
SYNERGY MICROWAVE CORPO...
SFM-2-02 SYNERGY-SFM-2-02 Datasheet
316Kb / 3P
   MESFET HIGH IP3 MIXER
SFM-32 SYNERGY-SFM-32 Datasheet
409Kb / 3P
   MESFET HIGH IP3 MIXER
logo
Renesas Technology Corp
NEZ1011-4E RENESAS-NEZ1011-4E Datasheet
198Kb / 14P
   N-CHANNEL GaAs MESFET
1998
logo
Mimix Broadband
CF003-01 MIMIX-CF003-01 Datasheet
589Kb / 3P
   GaAs MESFET Transistor
logo
RFHIC
MO4Q RFHIC-MO4Q_14 Datasheet
127Kb / 4P
   Integrated Monolithic GaAs MESFET
logo
Renesas Technology Corp
NEZ1011-5E RENESAS-NEZ1011-5E Datasheet
198Kb / 14P
   N-CHANNEL GaAs MESFET
1998
logo
SYNERGY MICROWAVE CORPO...
SFM-5 SYNERGY-SFM-5 Datasheet
313Kb / 3P
   MESFET HIGH IP3 MIXER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com