データシートサーチシステム |
|
DL-5528-TS データシート(PDF) 1 Page - Optoway Technology Inc |
|
DL-5528-TS データシート(HTML) 1 Page - Optoway Technology Inc |
1 / 5 page Optoway DL-5500 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/15/2009 V3.0 1550 nm DFB LASER DIODE MODULES DL-5500 SERIES UNCOOLED MQW DFB LD WITH RECEPTACLE ******************************************************************************************************************************************************* FEATURES Uncooled Laser Diode with MQW Structure High Reliability, Long Operation Life Single Frequency Operation with High SMSR 0 to 70 oC operation without active cooling Build-in InGaAs monitor APPLICATION Trunk Line, FitL DESCRIPTION DL-5500 series are designed for coupling a single mode optical fiber with 1550 nm MQW DFB uncooled laser diode. DL-5500 series are the best kits as light sources for telecom and datacom applications. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 °C) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 10 15 mA VOP Operating Voltage CW, IF=Ith+20mA 1.2 1.5 V Pf Optical Output Power Part No:DL-550XX DL-551XX DL-552XX DL-553XX DL-554XX CW, IF=Ith+20mA 0.2 0.5 1.0 2.0 3.0 0.5 1.0 2.0 3.0 - mW λc Center Wavelength CW, Ith+20mA 1530 1550 1570 nm SMSR Side Mode Suppression Ratio CW, Ith+20mA 30 35 dB t r, t f Rise And Fall Times Part No:DL-55XX DL-55XXS IF=Ith, Ith+20mA,20~80% 226 150 ps ΔPf / P f Tracking Error APC, 0~+70 ºC -1.5 1.5 dB Im PD Monitor Current CW, Ith+20mA,VRD=1V 100 μA ID PD Dark Current VRD=5V 0.1 μA C t PD Capacitance VRD=5V, f=1MHz 10 15 pF |
同様の部品番号 - DL-5528-TS |
|
同様の説明 - DL-5528-TS |