データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-8155-100 データシート(PDF) 1 Page - Optoway Technology Inc

部品番号 PD-8155-100
部品情報  GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTOWAY [Optoway Technology Inc]
ホームページ  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-8155-100 データシート(HTML) 1 Page - Optoway Technology Inc

  PD-8155-100 Datasheet HTML 1Page - Optoway Technology Inc PD-8155-100 Datasheet HTML 2Page - Optoway Technology Inc PD-8155-100 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
PD-8150
**************************************************************************************************************************************************************
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/9/2009 V2.0
GaAs PIN PHOTODIODES
PD-8150 Series
PIN Photodiode with Mini-Size TO Package
************************************************************************************************************************************************************
FEATURES
High Responsivity for 850 nm
Low Dark Current
Quick Pulse Response
2.4 mm Mini-Size Package
Active Diameter 100μm
DESCRIPTION
PD-8150 series InGaAs Photodiode are suited to receive the light at the wavelength range from 600 nm to
1000 nm. With high reliability, PD-8150 series are the best choice for datacom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Active Area
100
μ
m
Detection Range
600
1000
nm
R
Responsivity
VR=5V, λ=850nm
0.45
0.5
-
A/W
Idark
Dark Current
VR=5V
0.1
0.7
nA
C
Capacitance
VR=5V
0.4
0.7
pF
Tr /Tf
Rise/Fall Time
VR=5V, 10~90%
0.15
ns
BW
Bandwidth
VR=5V
2
GHz
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Input Optical Power
10
mW
VRD
Reverse Voltage
20
V
IFD
Forward Current
10
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


同様の部品番号 - PD-8155-100

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
PD-8155-100 OPTOWAY-PD-8155-100 Datasheet
91Kb / 2P
   GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
More results

同様の説明 - PD-8155-100

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
PD-8150 OPTOWAY-PD-8150 Datasheet
91Kb / 2P
   GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
PD-1150-XXX OPTOWAY-PD-1150-XXX Datasheet
100Kb / 3P
   InGaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
PD-115X-XXX OPTOWAY-PD-115X-XXX Datasheet
84Kb / 4P
   InGaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
PD-8350 OPTOWAY-PD-8350 Datasheet
61Kb / 2P
   Mini-Size GaAs PIN PD MODULE GaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-8100 OPTOWAY-PD-8100_09 Datasheet
126Kb / 3P
   GaAs PIN PHOTODIODES
PD-8100 OPTOWAY-PD-8100 Datasheet
87Kb / 2P
   GaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G8522 HAMAMATSU-G8522 Datasheet
103Kb / 2P
   GaAs PIN photodiode
logo
Optoway Technology Inc
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
logo
Hamamatsu Corporation
G9287-14 HAMAMATSU-G9287-14 Datasheet
235Kb / 2P
   GaAs PIN photodiode with preamp
G9842 HAMAMATSU-G9842 Datasheet
88Kb / 2P
   GaAs PIN photodiode with preamp
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com