データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA2012C0G104D100NBB データシート(PDF) 11 Page - SAMWHA ELECTRIC

部品番号 SA2012C0G104D100NBB
部品情報  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMWHA [SAMWHA ELECTRIC]
ホームページ  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SA2012C0G104D100NBB データシート(HTML) 11 Page - SAMWHA ELECTRIC

Back Button SA2012C0G104D100NBB Datasheet HTML 6Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 7Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 8Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 9Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 10Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 11Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 12Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 13Page - SAMWHA ELECTRIC SA2012C0G104D100NBB Datasheet HTML 14Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Multi Layer Ceramic Capacitors
25
SAMWHA CAPACITOR Co., Ltd.
24
Radial & Axial
Char.
Temp.
Reference
Cap.
Range
Temp.
Change
X7R
-55 to
Within
+125℃
±15%
X5R
-55 to
Within
+85℃
±15%
Y5V
-30 to
Within
+85℃
22%
-
82%
Step
Temperature()
125±2
2
-55±3
325±2
4
125±3(for C0G)
525±2
(1) Temperature Compensating Type:
The temperature coefficient is
determined using the capacitance
measured in step 3 as a reference,
When cycling the temperature
sequentially from step 1 through 5,
(C0G: +25 to 125℃) the capacitance
shall be with in the specified
tolerance for the temperature
coefficient.
The capacitance drift is calculated
by dividing the difference
between the maximum measured
values in the step 1, 3 and 5 by the
Cap. value in step 3
(2) High Dielectric Constant Type :
The ranges of capacitance
change compared with the 25℃
value over the temperature
range shown in the table shall
be in the specified range.
15
Preservation(keeping) ※When solderability is considered, capacitors are
recommended to be used in 12 months
16
The regulation of
※Never use materials mentioned below in MLCC products regulated this document.
environmental
Pb, Cd, Hg, Cr+6, PBB(polybromide biphenyl), PBDE(polybrominated diphenyl ethers), asbestos.
pollution materials.
25℃
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
14 Capacitance Capacitance
Temperature Change
Characteristics
Temperature
Coefficient
Char.
Temp.
Temperature
Range
Coefficient
C0G
-55 to
±30ppm/℃
+125℃
(1) Temperature : 25℃±10℃
(2) Relative Humidity : Below 70% RH
- In case of high Voltage and thin layer type Capacitor, it can be different from nomal specification.
So Please ask to our sales person.
Features
This widely used ceramic capacitors includes both monolithic and multilayer types to provide a wide
capacitance range of 1pF through 1㎌ in respectly one standard size and shape(Radial & Axial).
Applications
The class1 temperature compensating(C0G) products can be used in circuits to stabilize frequency and
temperature characteristics.
The X7R, Z5U, Y5V dielectrics are optimum for by pass capacitors.
Radial & Axial
CODE
LW
T
H
P
Ød
Color
Marking
Max.
Max.
Max.
Max.
±0.7
051B
5.5
5.5
3.2
6.4
5
0.5
Orange
Ex) 104
077B
7.7
7.6
9.2
or Gold
Shape and Dimensions
Bulk Type
Radial Type
Flat Type
Radial Type
Axial Type


同様の部品番号 - SA2012C0G104D100NBB

メーカー部品番号データシート部品情報
logo
Polyfet RF Devices
SA201 POLYFET-SA201 Datasheet
50Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SA2011 SILAN-SA2011 Datasheet
81Kb / 3P
   MIC AMP IC
logo
AVX Corporation
SA201A104CAA AVX-SA201A104CAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA201A104CAR AVX-SA201A104CAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA201A104DAA AVX-SA201A104DAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

同様の説明 - SA2012C0G104D100NBB

メーカー部品番号データシート部品情報
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com