データシートサーチシステム |
|
1N4751A データシート(PDF) 2 Page - Transys Electronics |
|
1N4751A データシート(HTML) 2 Page - Transys Electronics |
2 / 5 page 1N4741A THRU 1M200Z *ELECTRICAL CHARACTERISTICS (TA=25 unless otherwise noted) VF=1.2V max, IF=200mA for all types. Maximum Zener Impedance (Note 4.) Leakage Current Type No. (Note 1.) Nominal Zener Voltage Vz @ IZT volts (Notes2. And 3.) Test current IZT mA ZZT @ IZT Ohms ZZk @ IZK Ohms IZK mA IR A Max VR Volts Surge Current @ TA=25 Ir - mA (Note 5.) 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 11 12 13 15 16 23 21 19 17 15.5 8.0 9.0 10 14 16 700 700 700 700 700 0.25 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 5.0 8.4 9.1 9.9 11.4 12.2 414 380 344 304 285 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 18 20 22 24 27 14 12.5 11.5 10.5 9.5 20 22 23 25 35 750 750 750 750 750 0.25 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 5.0 13.7 15.2 16.7 18.2 20.6 250 225 205 190 170 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 30 33 36 39 43 8.5 7.5 7.0 6.5 6.0 40 45 50 60 70 1000 1000 1000 1000 1500 0.25 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 5.0 22.8 25.1 27.4 29.7 32.7 150 135 125 115 110 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 47 51 56 62 68 5.5 5.0 4.5 4.0 3.7 80 95 110 125 150 1500 1500 2000 2000 2000 0.25 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 5.0 35.8 38.8 42.6 47.1 51.7 95 90 80 70 65 1N4761A 1N4762A 1N4763A 1N4764A 75 82 91 100 3.3 3.0 2.8 2.5 175 200 250 350 2000 3000 3000 3000 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 56.0 62.2 69.2 76.0 60 55 50 45 1M110Z 1M120Z 1M130Z 1M150Z 1M160Z 1M180Z 1M200Z 110 120 130 150 160 180 200 2.3 2 1.9 1.7 1.6 1.4 1.2 450 550 700 1000 1100 1200 1500 4000 4500 5000 6000 6500 7000 8000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 5.0 5.0 5.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 - - - - - - - NOTE: 1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%. 2.Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30 ±1 , from the diode body. 4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5.Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5. |
同様の部品番号 - 1N4751A |
|
同様の説明 - 1N4751A |