データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3904 データシート(PDF) 2 Page - Transys Electronics

部品番号 2N3904
部品情報  NPN SIMALL SIGNAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRSYS [Transys Electronics]
ホームページ  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

2N3904 データシート(HTML) 2 Page - Transys Electronics

  2N3904 Datasheet HTML 1Page - Transys Electronics 2N3904 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics @ TA = 25 C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
DC Current Gain
hFE
50
70
100
60
30
300
-VCE = 1.0V,- IC = 0.1mA
-VCE = 1.0V,- IC = 1.0mA
-VCE = 1.0V,- IC = 10mA
-VCE = 1.0V,- IC = 50mA
-VCE = 1.0V,- IC = 100mA
Collector Saturation Voltage
VCE(SAT)
0.25
0.40
V
(Note 2)
-IC = 10mA,- IB = 1.0mA
-IC = 50mA,- IB = 5.0mA
Base Saturation Voltage
VBE(SAT)
0.85
0.95
V
(Note 2)
-IC = 10mA, -IB = 1.0mA
-IC = 50mA, -IB = 5.0mA
Collector Cutoff Current
ICEX
50
nA
-VEB = 3.0V, -VCE = 30V
Emitter Cutoff Current
IBL
50
nA
-VEB = 3.0V, -VCE = 30V
Collector-Base Breakdown Voltage
V(BR)CBO
60
V
-IC = 10µA, -IB = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
-IC = 1.0mA,- IE = 0 (Note 2)
Emitter-base Breakdown voltage
V(BR)EBO
5.0
V
-IE = 10µA,- IC = 0
Gain Bandwidth Product
fT
250
MHz
VCE = 20V, -IC = 10mA,
-f = 100MHz
Collector-Base Capacitance
CCBO
4.5
pF
-VCB = 5.0V, -IE = 0, f = 100kHz
Emitter-Base Capacitance
CEBO
10
pF
-VEB = 0.5V, -IC = 0, f = 100kHz
Noise Figure
5.0
dB
-VCE = 5.0V, -IC = 100 A,
RG = 1.0k , -f = 10 to 15000Hz
Delay Time
td
35
ns
-IB1 = 1.0mA, -IC = 10mA,
VCC = 3.0V, VBE(off) = 0.5V
Rise Time
tr
35
ns
-IB1 = 1.0mA,- IC = 10mA,
-VCC = 3.0V, -VBE(off) = 0.5V
Storage Time
ts
225
ns
-IB1 =- IB2 = 1.0mA,
-IC = 10mA, -VCC = 3.0V
Fall Time
tf
75
ns
-IB1 =- IB2 = 1.0mA,
-IC = 10mA, -VCC = 3.0V
Notes:
1. Leads maintained at a distance of 2.0mm from body at specified ambient temperature.
2. Pulse test: Pulse width
300 s, duty cycle
2%.


同様の部品番号 - 2N3904

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

同様の説明 - 2N3904

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
logo
Diodes Incorporated
AC847BWQ DIODES-AC847BWQ Datasheet
330Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
logo
Taiwan Semiconductor Co...
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
   NPN Small Signal Transistor
BC846A TSC-BC846A_14 Datasheet
218Kb / 5P
   NPN Small Signal Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com