データシートサーチシステム |
|
SA1608C0G104D100NBE データシート(PDF) 11 Page - SAMWHA ELECTRIC |
|
SA1608C0G104D100NBE データシート(HTML) 11 Page - SAMWHA ELECTRIC |
11 / 14 page Multi Layer Ceramic Capacitors 25 SAMWHA CAPACITOR Co., Ltd. 24 Radial & Axial Char. Temp. Reference Cap. Range Temp. Change X7R -55 to Within +125℃ ±15% X5R -55 to Within +85℃ ±15% Y5V -30 to Within +85℃ 22% - 82% Step Temperature(℃) 125±2 2 -55±3 325±2 4 125±3(for C0G) 525±2 (1) Temperature Compensating Type: The temperature coefficient is determined using the capacitance measured in step 3 as a reference, When cycling the temperature sequentially from step 1 through 5, (C0G: +25 to 125℃) the capacitance shall be with in the specified tolerance for the temperature coefficient. The capacitance drift is calculated by dividing the difference between the maximum measured values in the step 1, 3 and 5 by the Cap. value in step 3 (2) High Dielectric Constant Type : The ranges of capacitance change compared with the 25℃ value over the temperature range shown in the table shall be in the specified range. 15 Preservation(keeping) ※When solderability is considered, capacitors are recommended to be used in 12 months 16 The regulation of ※Never use materials mentioned below in MLCC products regulated this document. environmental Pb, Cd, Hg, Cr+6, PBB(polybromide biphenyl), PBDE(polybrominated diphenyl ethers), asbestos. pollution materials. 25℃ No. Item Characteristic Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions 14 Capacitance Capacitance Temperature Change Characteristics Temperature Coefficient Char. Temp. Temperature Range Coefficient C0G -55 to ±30ppm/℃ +125℃ (1) Temperature : 25℃±10℃ (2) Relative Humidity : Below 70% RH - In case of high Voltage and thin layer type Capacitor, it can be different from nomal specification. So Please ask to our sales person. Features This widely used ceramic capacitors includes both monolithic and multilayer types to provide a wide capacitance range of 1pF through 1㎌ in respectly one standard size and shape(Radial & Axial). Applications The class1 temperature compensating(C0G) products can be used in circuits to stabilize frequency and temperature characteristics. The X7R, Z5U, Y5V dielectrics are optimum for by pass capacitors. Radial & Axial CODE LW T H P Ød Color Marking Max. Max. Max. Max. ±0.7 051B 5.5 5.5 3.2 6.4 5 0.5 Orange Ex) 104 077B 7.7 7.6 9.2 or Gold Shape and Dimensions Bulk Type Radial Type Flat Type Radial Type Axial Type |
同様の部品番号 - SA1608C0G104D100NBE |
|
同様の説明 - SA1608C0G104D100NBE |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |