データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SH30091R3YL データシート(PDF) 5 Page - ABC Taiwan Electronics Corp

部品番号 SH30091R3YL
部品情報  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABC [ABC Taiwan Electronics Corp]
ホームページ  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH30091R3YL データシート(HTML) 5 Page - ABC Taiwan Electronics Corp

  SH30091R3YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH30091R3YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH30091R3YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH30091R3YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH30091R3YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH30091R3YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Preheat : 150±25
for 60 seconds
SPECIFICATION FOR APPROVAL
Humidity
( Temp. cycle )
Thermal shock test
High temp.
Resistance test
Resistance test
AR-001A
Temperature : 105±2℃
Time : 500 hours
Applied current : Per spec.
Inductance shall
not change more
than ±20%
Time : 500 hours
Humidity : 90 ~ 95%
Temperature : 40±2℃
Applied current : Per spec.
Room temp.
15 minutes
Room temp.
15 minutes
Total : 50 cycles
Solderability
NAME
PROD.
Ⅷ﹒
RELIABILITY TEST:
REF :
Specification
terminal electrode
With fresh solder.
Shall be covered
More than 90% of the
POWER INDUCTOR
SHIELDED SMD
Test item
Flux : Rosin
Dip time : 4±1 seconds
Solder temp. : 235±5℃
ABC'S DWG NO.
ABC'S ITEM NO.
Test condition
30 minutes
-25±2 ℃
30 minutes
85±2 ℃
PAGE: 5
SH3009□□□□L□-□□□


同様の部品番号 - SH30091R3YL

メーカー部品番号データシート部品情報
logo
Littelfuse
SH300 LITTELFUSE-SH300 Datasheet
450Kb / 4P
   Gas Discharge Tubes
Revised: GD. 03/09/21
logo
Semtech Corporation
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
658Kb / 30P
   MicroBuddy짰 Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
More results

同様の説明 - SH30091R3YL

メーカー部品番号データシート部品情報
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com