データシートサーチシステム |
|
SS1005100ML データシート(PDF) 4 Page - ABC Taiwan Electronics Corp |
|
SS1005100ML データシート(HTML) 4 Page - ABC Taiwan Electronics Corp |
4 / 8 page User direction of feed ( 2 ) Dimensions Q'TY (pcs) ( 3 ) Q'TY & G.W. Per package AR-001A SS1005 SS1005 Series Style 13 - 24 +0 Outer : Carton G.W. (Kg) 13 - 24 Style 13 - 24 920 1,100 500 600 Inner : Reel G.W. (gw) 2,000 2,400 5.5 6.6 Q'TY (pcs) C 13 B A 21±0.8 330 G D 24 26 40 x 40 x 24 40 x 40 x 24 Size (cm) T N 50 -0 30.4 Unit:m/m Ⅶ﹒PACKAGING INFORMATION: ( 1 ) Configuration SHIELDED SMD 200 m/m Min. no component SPECIFICATION FOR APPROVAL Leader End REF : 20091110-B PROD. NAME Embossed carrier Carrier tape Width : D ※ 101 Components P:16 m/m 4 m/m 101 101 101 101 G C ∮ 400 m/m Min. no component Trailer Start D T 2.0±0.5 POWER INDUCTOR ABC'S ITEM NO. ABC'S DWG NO. Cover tape SS1005□□□□L□-□□□ PAGE: 4 |
同様の部品番号 - SS1005100ML |
|
同様の説明 - SS1005100ML |