データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWA-6500 データシート(PDF) 2 Page - Advantech Co., Ltd.

部品番号 FWA-6500
部品情報  Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-6500 データシート(HTML) 2 Page - Advantech Co., Ltd.

  FWA-6500 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-6500 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
FWA-6500
88.00
430.00
465.00
485.60
Ordering Information
Model Number
Configuration
FWA-6500CFE
FWA-6500 Base System + 4 x 4-port GE RJ45
Module, Up to 16ports GE
FWA-6500BE
FWA-6500 Base system
NAEM-0101
4-port GE RJ45 Module
NAEM-0102
4 port GE SFP Module
NAEM-1001
2 port 10GE SFP+ Module
* Advantech may make changes to specifications and product descriptions at any time,
without notice.
LCD Module
(16 characters, 2 lines)
RJ-45 Console ports
2 x USB 2.0 Ports
2 x Management ports
PCIe x 4 slot compliant to Gen2
2 x 2.5" SATA HDDs
4 x PCIe FRU Modules
3 x Swappable system FANs
600W Redundant
Power Supply
PCIe x 4 slot compliant to Gen1
Accessories
P/N
Description
1702002600
3P 180 cm, USA
1702002605
3P 180 cm, Europe
1702031801
3P 180 cm, UK
1700000237
3P 180 cm, JP
Packing List
P/N
Description
1700002463
CABLE RJ45 to Console 9P 220 cm T


同様の部品番号 - FWA-6500

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
FWA-6512 ADVANTECH-FWA-6512_14 Datasheet
770Kb / 2P
   2U Network Application Platform with Intel짰 Xeon짰 Processor E5-4600 v2
FWA-6520-01E ADVANTECH-FWA-6520-01E Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
FWA-6520-11E ADVANTECH-FWA-6520-11E Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
More results

同様の説明 - FWA-6500

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
FWA-6512 ADVANTECH-FWA-6512_14 Datasheet
770Kb / 2P
   2U Network Application Platform with Intel짰 Xeon짰 Processor E5-4600 v2
logo
List of Unclassifed Man...
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
FWA-4208 ADVANTECH-FWA-4208 Datasheet
464Kb / 2P
   1U Rack-mount Network Application Platform based on Intel짰 Xeon짰 X3400 Processor or Intel짰 Core??i5/i3 ProcessorRoHSCOMPLIANT2002/95/EC
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
List of Unclassifed Man...
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com