データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE108542ZM+ データシート(PDF) 5 Page - ACE Technology Co., LTD.

部品番号 ACE108542ZM+
部品情報  3A Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE108542ZM+ データシート(HTML) 5 Page - ACE Technology Co., LTD.

  ACE108542ZM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE108542ZM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 
                                                                                                                    
ACE1085
                        Technology
3A Low Dropout Linear Regulator
VER 1.2
5
ACE1085
Typical application of ACE1085
Application Hints
1. Recommend using 10uF tan capacitor as bypass capacitor for all application circuit.
2. Recommend using 22uF tan capacitor to assure circuit stability.
3. Using a bypass capacitor(CAdj) between the adjust terminal and ground can improve ripple rejection,
This bypass capacitor prevents ripple from being amplified as the output voltage is increased. The
impedance of CAdj should be less than the resistor’s(R1) which is between output and adjust pins to
prevent ripple from being amplified at any ripple frequency. As R1 is normally in the range of
120Ω~200Ω,the value of CAdj should satisfy this equation: 2*Fripple*CAdj<R1. Recommend using 10uF
tan capacitor.
Output Voltage of Adjustable Version
The ACE1085 adjustable version provide 1.25V Reference Voltage. Any output voltage between
1.25V~13.8V can be available by choosing two external resistors (connection method is shown in chart 1).
In chart 1, R1,R2 is the two external resistors.
Explanation
The output voltage of adjustable version satisfies this followed equation:
Vout=VRef*(1+R2/R1)+IAdj*R2. We can ignore IAdj because IAdj(about 50uA) is much less than the
current of R1(about 4mA).
How to choose R1:The value of R1 should be in the range of 120Ω~200Ω to assure chip working
normally without any load. To assure the electrical performance showed in table 1, the output current
should be larger than 5mA. If R1 is too large, the minimum output current should be larger than 4mA , The
best working condition is to assure that the output current exceeds 10mA.


同様の部品番号 - ACE108542ZM+

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G15YM+H ACE-ACE1085G15YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G18YM+H ACE-ACE1085G18YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G25YM+H ACE-ACE1085G25YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G50YM+H ACE-ACE1085G50YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
More results

同様の説明 - ACE108542ZM+

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com