データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8029 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 TDA8029
部品情報  Low power single card reader
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029 データシート(HTML) 1 Page - NXP Semiconductors

  TDA8029 Datasheet HTML 1Page - NXP Semiconductors TDA8029 Datasheet HTML 2Page - NXP Semiconductors TDA8029 Datasheet HTML 3Page - NXP Semiconductors TDA8029 Datasheet HTML 4Page - NXP Semiconductors TDA8029 Datasheet HTML 5Page - NXP Semiconductors TDA8029 Datasheet HTML 6Page - NXP Semiconductors TDA8029 Datasheet HTML 7Page - NXP Semiconductors TDA8029 Datasheet HTML 8Page - NXP Semiconductors TDA8029 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
1.
General description
The TDA8029 is a complete one chip, low cost, low power, robust smart card reader. Its
different power reduction modes and its wide supply voltage range allow its use in
portable equipment. Due to specific versatile hardware, a small embedded software
program allows the control of most cards available in the market. The control from the host
may be done through a standard serial interface.
The TDA8029 may be delivered with standard embedded software, or be masked with
specific customer code. For details on software development and on available tools,
please refer to application notes
“AN01009” and “AN10134” for the TDA8029HL/C1. For
standard embedded software, please refer to
“AN10206” for the TDA8029HL/C2.
2.
Features
s 80C51 core with 16 kB ROM, 256 byte RAM and 512 byte XRAM
s Specific ISO7816 UART, accessible with MOVX instructions for automatic convention
processing, variable baud rate, error management at character level for T = 0 and
T = 1 protocols, extra guard time, etc.
s Specific versatile 24-bit Elementary Time Unit (ETU) counter for timing processing
during Answer To Reset (ATR) and for T = 1 protocol
s VCC generation with controlled rise and fall times:
x 5V
± 5 %, maximum current 65 mA
x 3V
± 5 %, maximum current 50 mA; maximum current 65 mA if V
DD > 3 V
x 1.8 V
± 5 %, maximum current 30 mA
s Card clock generation up to 20 MHz with three times synchronous frequency doubling
(fXTAL, 12fXTAL, 14fXTAL and 18fXTAL)
s Card clock stop HIGH or LOW or 1.25 MHz from an integrated oscillator for card power
reduction modes
s Automatic activation and deactivation sequences through an independent sequencer
s Supports asynchronous protocols T = 0 and T = 1 in accordance with:
x ISO 7816 and EMV 3.1.1 (TDA8029HL/C1 and TDA8029HL/C2)
x ISO 7816 and EMV 2000 (TDA8029HL/C2).
s 1 to 8 characters FIFO in reception mode
s Parity error counter in reception mode and in transmission mode with automatic
retransmission
s Versatile 24-bit time-out counter for ATR and waiting times processing
s Specific ETU counter for Block Guard Time (BGT) (22 ETU in T = 1 and 16 ETU in
T=0)
TDA8029
Low power single card reader
Rev. 03 — 22 February 2005
Product data sheet


同様の部品番号 - TDA8029

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C1 PHILIPS-TDA8029C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C2 PHILIPS-TDA8029C2 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL PHILIPS-TDA8029HL Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL/C1 PHILIPS-TDA8029HL/C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
More results

同様の説明 - TDA8029

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com