データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1G データシート(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

部品番号 ES1G
部品情報  SURFACE MOUNT SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
ホームページ  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

ES1G データシート(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  ES1G Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. ES1G Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
-50 TO -600 VOLTS
CURRENT
-1.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, reistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
Maximum RMS Voltage
Maximum DC Blocking Voltage
UNITS
V
V
V
ES1A
50
35
50
ES1B
100
70
100
ES1C
150
105
150
ES1D
200
140
200
Maximum Average Forward Rectified Current,
0
at TL=120 C
I(AV)
A
1.0
IFSM
Peak Forward Surge Current
8.3 ms single half sine-wave superimposed
on rated load (JEDEC Method)
A
30.0
ES1G
ES1E
400
300
280
210
400
300
ES1J
600
420
600
Notes : 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHZ and Applied Vr=4.0 volts.
2
3. 8.0mm (.013mm thick) land areas.
T, TSTG
J
Operating and Storage Temperature Range
0C
-50 to +150
Maximum Thermal Resistance (Note 3)
35
0C/W
RJL
Typical Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 1)
V
F
IR
TRR
CJ
Maximum Instantaneous Forward Voltage at 1.0A
0
T
Maximum DC Reverse Current
@
=25 C
A
0
T
at Rated DC Blocking Voltage
@
=100 C
A
A
nS
V
5.0
100
10.0
35.0
pF
ES1A thru ES1J
SURFACE MOUNT SUPERFAST
RECTIFIER
SURFACE MOUNT SUPERFAST
RECTIFIER
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.078(2.00)
.096(2.44)
.030(0.76)
.060(1.52)
.157(4.00)
.181(4.60)
.098(2.50)
.114(2.90)
.055(1.40)
.062(1.60)
SMA/DO-214AC
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.188(4.80)
.208(5.28)
.078(2.00)
.096(2.44)
.030(0.76)
.060(1.52)
.157(4.00)
.181(4.60)
.098(2.50)
.114(2.90)
.055(1.40)
.062(1.60)
5.0
0.95
1.25
1.7
Dimensions in inches and (millimeters)
FEATURES
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Superfast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated junction
High temperature soldering:
o
260 C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Indicated by cathode band
Standard Packaging: 12mm tape (EIA-481)
Weight: 0.002 ounces, 0.064 gram


同様の部品番号 - ES1G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
ES1G TSC-ES1G Datasheet
440Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
logo
Pan Jit International I...
ES1G PANJIT-ES1G Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Yangzhou yangjie electr...
ES1G YANGJIE-ES1G Datasheet
155Kb / 2P
   Super Fast Recovery Rectifier Diode
logo
SHENZHEN YONGERJIA INDU...
ES1G WINNERJOIN-ES1G Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
logo
Diodes Incorporated
ES1G DIODES-ES1G Datasheet
111Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 11 - 2
More results

同様の説明 - ES1G

メーカー部品番号データシート部品情報
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com