データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC54VC2902EZB データシート(PDF) 5 Page - Microchip Technology

部品番号 TC54VC2902EZB
部品情報  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VC2902EZB データシート(HTML) 5 Page - Microchip Technology

  TC54VC2902EZB Datasheet HTML 1Page - Microchip Technology TC54VC2902EZB Datasheet HTML 2Page - Microchip Technology TC54VC2902EZB Datasheet HTML 3Page - Microchip Technology TC54VC2902EZB Datasheet HTML 4Page - Microchip Technology TC54VC2902EZB Datasheet HTML 5Page - Microchip Technology TC54VC2902EZB Datasheet HTML 6Page - Microchip Technology TC54VC2902EZB Datasheet HTML 7Page - Microchip Technology TC54VC2902EZB Datasheet HTML 8Page - Microchip Technology TC54VC2902EZB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 5
TC54
3.0
DETAILED DESCRIPTION
In normal steady-state operation when VIN > VDET –,
the output will be at a logic-high (see Figure 3-1). In
the case of the TC54VN, this is an open-drain
condition. If the input falls below VDET –, the output
will pull down (Logic 0) to VSS. Generally, VOUT can
pull down to within 0.5V of VSS at rated output current
and input voltage. (See Section 1.0 “Electrical
Characteristics”).
The output (VOUT) will stay valid until the input voltage
falls below the minimum operating voltage (VINMIN) of
0.7V. Below this minimum operating voltage the output
is undefined. During power-up (or anytime VIN has
fallen below VINMIN), VOUT will remain undefined until
VIN rises above VINMIN. Once this occurs, the output
will become valid. VOUT will be in its active-low state,
while VINMIN < VIN < VDET+ (therefore, VDET+ = VDET
+ VHYST). If the input rises above VDET+, the output will
assume its inactive state (high for TC54VC, open-drain
for TC54VN).
FIGURE 3-1:
Timing Diagram.
VIN
Detect Voltage VDET
Minimum Operating
Voltage
VHYST
VDET +
Output Voltage
Release Voltage
or RESET Voltage
Ground Level
Ground Level
VOUT


同様の部品番号 - TC54VC2902EZB

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC54VC2902EZB TELCOM-TC54VC2902EZB Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
TC54VC2902EZBRTP TELCOM-TC54VC2902EZBRTP Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
TC54VC2902EZBSTP TELCOM-TC54VC2902EZBSTP Datasheet
50Kb / 3P
   VOLTAGE DETECTOR
More results

同様の説明 - TC54VC2902EZB

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com