データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM9102D データシート(PDF) 11 Page - Davicom Semiconductor, Inc.

部品番号 DM9102D
部品情報  Single Chip Fast Ethernet NIC Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAVICOM [Davicom Semiconductor, Inc.]
ホームページ  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102D データシート(HTML) 11 Page - Davicom Semiconductor, Inc.

Back Button DM9102D Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 15Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Final
11
Version: DM9102D-DS-F01
May 10, 2006
6. Register Definition
6.1 PCI Configuration Registers
The definitions of PCI Configuration Registers are based on
the PCI specification revision 2.2 and it provides the
initialization and configuration information to operate the PCI
interface in the DM9102D. All registers can be accessed
with byte, word, or double word mode. As defined in PCI
specification
2.1,
read
accesses
to
reserve
or
unimplemented registers will return a value of “0.” These
registers are to be described in the following sections.
The default value of PCI configuration registers after reset.
Description
Identifier
Address Offset
Value of Reset
Identification
PCIID
00H
91021282H
Command & Status
PCICS
04H
02100000H*
Revision
PCIRV
08H
02000051H
Miscellaneous
PCILT
0CH
BIOS determine
I/O Base Address
PCIIO
10H
System allocate
Memory Base Address
PCIMEM
14H
System allocate
Reserved
--------
18H - 28H
00000000H
Subsystem Identification
PCISID
2CH
load from EEPROM
Expansion ROM Base Address
PCIROM
30H
00000000H
Capability Pointer
CAP_PTR
34H
00000050H
Reserved
--------
38H
00000000H
Interrupt & Latency
PCIINT
3CH
System allocate bit7~0
Device Specific Configuration Register
PCIUSR
40H
00000000H**
Power Management Register
PCIPMR
50H
C0310001H**
Power Management Control & Status
PMCSR
54H
00000100H
* It is written to 02100007H by most BIOS.
** It may be changed from EEPROM in application.
Key to Default
In the register description that follows, the default column
takes the form <Reset Value>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
<Access Type>:
RO = Read only
RW = Read/Write
R/C: means Read / Write & Write "1" for Clear.


同様の部品番号 - DM9102D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM9102D ETC1-DM9102D Datasheet
2Mb / 70P
   SINGLE CHIP FAST ETHEMET NIC CONTROLLER
DM9102DE ETC1-DM9102DE Datasheet
2Mb / 70P
   SINGLE CHIP FAST ETHEMET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
More results

同様の説明 - DM9102D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com