データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES5128 データシート(PDF) 1 Page - Cyrustek corporation

部品番号 ES5128
部品情報  4-1/2 digit with LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5128 データシート(HTML) 1 Page - Cyrustek corporation

  ES5128 Datasheet HTML 1Page - Cyrustek corporation ES5128 Datasheet HTML 2Page - Cyrustek corporation ES5128 Datasheet HTML 3Page - Cyrustek corporation ES5128 Datasheet HTML 4Page - Cyrustek corporation ES5128 Datasheet HTML 5Page - Cyrustek corporation ES5128 Datasheet HTML 6Page - Cyrustek corporation ES5128 Datasheet HTML 7Page - Cyrustek corporation ES5128 Datasheet HTML 8Page - Cyrustek corporation ES5128 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
V1.0
06/03/10
1
ES5128
4-1/2 digit with LED
Features
• Max. ±19,999 counts
• QFP-44L package
• Input full scale range: 200mV or 2V
• Built-in multiplexed
LED display driver:
4-1/2 digits, 4 decimal points and polarity
• Underrange/Overrange outputs
• 10µV resolution on 200mV scale
• Display Hold
• Precise 10:1 range select
• True differential input and reference
• Built-in inverters for RC oscillation circuit.
Application
Panel Meter
Description
ES5128 is a 19,999-count analog-to-digital
converter (ADC) with multiplexed LED
display driver. It drives 4-1/2 digits, 4 decimal
points and polarity segments. It typically
requires a dual +5V/-5V power supply or a
10V single power with 5V regulator, like 7905
series ICs, for ADC operation. ES5128 has a
±19,999 counts resolution on both 200.00mV
and
2.0000V
ranges.
It
features
high
impedance
inputs,
excellent
differential
linearity, true ratiometric operation and auto
polarity. The underrange and overrange outputs
and the 10:1 range changing inputs facilitate
the design of autoranging systems. Other
features include Display Hold and controllable
decimal points.


同様の部品番号 - ES5128

メーカー部品番号データシート部品情報
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Ecliptek Corporation
ES5120A-12.800M ECLIPTEK-ES5120A-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5120A-12800M ECLIPTEK-ES5120A-12800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
ESS Technology,Inc
ES5120AQ ESS-ES5120AQ Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
More results

同様の説明 - ES5128

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES5129 CYRUSTEK-ES5129 Datasheet
674Kb / 12P
   4-1/2 digit with LCD
logo
List of Unclassifed Man...
DM-4101L ETC2-DM-4101L Datasheet
242Kb / 6P
   4 1/2-Digit DPM with BCD Outputs
DM-4101N ETC1-DM-4101N Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
DSD-40BCD ETC1-DSD-40BCD Datasheet
144Kb / 4P
   Miniature 4 1/2 Digit, BCD Input Slave LED Display
DM-4105 ETC1-DM-4105 Datasheet
454Kb / 6P
   4-1/2-Digit, Differential LCD Display with Data Outputs
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Intersil Corporation
ICL71C03 INTERSIL-ICL71C03 Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com