データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51918 データシート(PDF) 6 Page - Cyrustek corporation

部品番号 ES51918
部品情報  11,000 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51918 データシート(HTML) 6 Page - Cyrustek corporation

Back Button ES51918 Datasheet HTML 2Page - Cyrustek corporation ES51918 Datasheet HTML 3Page - Cyrustek corporation ES51918 Datasheet HTML 4Page - Cyrustek corporation ES51918 Datasheet HTML 5Page - Cyrustek corporation ES51918 Datasheet HTML 6Page - Cyrustek corporation ES51918 Datasheet HTML 7Page - Cyrustek corporation ES51918 Datasheet HTML 8Page - Cyrustek corporation ES51918 Datasheet HTML 9Page - Cyrustek corporation ES51918 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
v1.08
06/04/03
6
ES51918
11,000 Counts Auto DMM
Reference voltage temperature
coefficient
TC
RF
100KΩ
resister
Between
VRH
0℃<TA<70℃
50
ppm/℃
Minimum pulse width for Peak
Hold feature
T
PW
4MHz
crystal
oscillator
100
µs
1.5
%
11nF
15
Digits
1.0
%
110nF/1.1µF
10
Digits
1.0
%
11µF/110µF/1.1mF
5
Digits
1.5
%
Capacitance measurement accuracy2
11mF/110mF
5
Digits
Note
:
1.Full Scale
2.Above specification from 11nF to 1.1uF ranges are specified under REL mode.
Function Description
1.
Operating Modes
1.1 Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full-scale ranges in each
configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
110.00mV
1
R1
VR2
1.1000V
1/10
R2 / (R1+R2)
VR3
11.000V
1/100
R3 / (R1+R3)
VR4
110.00V
1/1000
R4 / (R1+R4)
VR5
1100.0V
1/10000
R5 / (R1+R5)
Note: 110.00mV range only exists in manual mode.
1.1.2 CE selection
ES51918 has a CE selection feature archived by configuring an CESEL pin. If pin
CESEL is connected to DGND or floating, ES51918 will have a 610.0V overflow level
in DC and AC 1100.0V ranges. If pin CESEL is connected to V-, ES51918 will have a
1010.0V overflow level in DC and AC 1100.0V ranges. The meter will Show OL when
the measuring signal reaches the overflow level. The configuration of CESEL is listed
below.
CESEL
DCV
ACV
V-
1010.0V
1010.0V
DGND or floating
610.0V
610.0V


同様の部品番号 - ES51918

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
More results

同様の説明 - ES51918

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com