データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51918 データシート(PDF) 8 Page - Cyrustek corporation

部品番号 ES51918
部品情報  11,000 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51918 データシート(HTML) 8 Page - Cyrustek corporation

Back Button ES51918 Datasheet HTML 4Page - Cyrustek corporation ES51918 Datasheet HTML 5Page - Cyrustek corporation ES51918 Datasheet HTML 6Page - Cyrustek corporation ES51918 Datasheet HTML 7Page - Cyrustek corporation ES51918 Datasheet HTML 8Page - Cyrustek corporation ES51918 Datasheet HTML 9Page - Cyrustek corporation ES51918 Datasheet HTML 10Page - Cyrustek corporation ES51918 Datasheet HTML 11Page - Cyrustek corporation ES51918 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
v1.08
06/04/03
8
ES51918
11,000 Counts Auto DMM
1.1.4 The true RMS-to-DC conversion with ES636
If ES636 is used for true RMS-to-DC measurement, the test circuit is shown in Figure 1.
Make ADO and ADI pin short, and TEST5 pin keeps float. Connect OVSG pin to
AGND through a switch in ACV measurement mode. If the DCV and ACV
measurement modes are in the same rotary switch, please also add this switch in the
rotary switch. The configuration of this switch will not influence the precision of DCV
measurement.
Figure 1. The true RMS-to-DC conversion with ES636
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
ADI
ADO
ADOHZ
PWD
OP-
OP+
OPO
1.111M
101K
10K
1K
99.5
AGND
ACV
AGND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2.2u
+
+Vs
AGND
+Vs
-Vs
500K
1K
100
AGND
-Vs
100K
1.5K
-Vs
N1
N2
10K
30K
0.1u
AGND
+Vs -Vs
2
3
1
5
4
7
6
AGND
1u
+
200
AGND
+Vs
TL061
30K
10K
+Vs
-Vs
4.7u
Note: The filter capacitors for +Vs and -Vs
are recommended to near to the power
terminals of ES636 and external OPAMP.


同様の部品番号 - ES51918

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
More results

同様の説明 - ES51918

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com