データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51967 データシート(PDF) 11 Page - Cyrustek corporation

部品番号 ES51967
部品情報  6,600 Counts Auto DMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51967 データシート(HTML) 11 Page - Cyrustek corporation

Back Button ES51967 Datasheet HTML 7Page - Cyrustek corporation ES51967 Datasheet HTML 8Page - Cyrustek corporation ES51967 Datasheet HTML 9Page - Cyrustek corporation ES51967 Datasheet HTML 10Page - Cyrustek corporation ES51967 Datasheet HTML 11Page - Cyrustek corporation ES51967 Datasheet HTML 12Page - Cyrustek corporation ES51967 Datasheet HTML 13Page - Cyrustek corporation ES51967 Datasheet HTML 14Page - Cyrustek corporation ES51967 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
V2.6
08/10/06
11
ES51967
6,600 Counts Auto DMM
1.5 Capacitance Measurement
The following table summarizes the eight ranges of capacitance measurement mode.
Configuration
Full Scale Range Relative Resistor Measurement Period
C1
6.600nF
VR1
0.33 sec
C2
66.00nF
VR2
0.33 sec
C3
660.0nF
VR3
0.33 sec
C4
6.600uF
VR4
0.33 sec
C5
66.00uF
R9K / R1K
0.66 sec
C6
660.0uF
R9K / R1K
1.32 sec
C7
6.600mF
R9K / R1K
1.32 sec
C8
66.00mF
R9K / R1K
6.60 sec
Note:
1. In order to obtain an accurate reading, a capacitor must be discharged before measurement begins. The
chip has a built-in discharge mode to automatically discharge the capacitor. In discharge mode, the
LCD displays dIS.C
2. Discharging through the chip is quite slow. We recommend users to discharge the capacitor with some
other apparatus.
3.In capacitance mode for clamp-meter (FC1~4={0,1,1,0}, SLACDC=1), the C1~C3 ranges will not
occur whatever in the automatic or manual operation
. When R_OVH (pin74) is pulled to V- in this
mode, the charging current for 660uF-6.6mF is reduced. The 66.00mF range will be omitted.
OVH path resistance is allowed to be increased. (For better high voltage protection)
1.6 Continuity Check
Continuity check shares the same configuration with 660.0Ω manual resistance
measurement mode and has buzzer output to indicate continuity. The buzzer generates
2KHz beep whenever the reading is less than 30Ω. When R_OVH (pin74) is pulled to
V- in this mode, the buzzer generates 2kHz beep when ever the reading is less than
50Ω.
1.7 Diode Measurement
Diode measurement mode shares the same configuration with 6.600V manual voltage
measurement mode and has buzzer output to indicate continuity. The buzzer generates a
2KHz sound whenever the reading is less than 30mV. If the test circuit is open or the
voltage drop between the two ports of the device(diode) under test is larger than 2V, the
LCD panel will show “OL”.


同様の部品番号 - ES51967

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
More results

同様の説明 - ES51967

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com