データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51969 データシート(PDF) 1 Page - Cyrustek corporation

部品番号 ES51969
部品情報  6,600 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51969 データシート(HTML) 1 Page - Cyrustek corporation

  ES51969 Datasheet HTML 1Page - Cyrustek corporation ES51969 Datasheet HTML 2Page - Cyrustek corporation ES51969 Datasheet HTML 3Page - Cyrustek corporation ES51969 Datasheet HTML 4Page - Cyrustek corporation ES51969 Datasheet HTML 5Page - Cyrustek corporation ES51969 Datasheet HTML 6Page - Cyrustek corporation ES51969 Datasheet HTML 7Page - Cyrustek corporation ES51969 Datasheet HTML 8Page - Cyrustek corporation ES51969 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
v2.6
1
08/10/06
ES51969
6,600 Counts Auto DMM
Features
• 6,600 counts LCD display
• 100L QFP package
• 3V DC power supply
• Conversion rate : 3 times/s
• Full automatic measurement
*Voltage measurement: 660.0mV – 1000V
*Current measurement: μA/mA/A
*Resistance measurement: 660.0Ω – 66.00MΩ
*Capacitance measurement:
6.600nF – 66.00mF(6.6sec)
*Frequency counter: 660.0Hz – 66.00MHz
• Current modes for clamp meter with ZERO
function
• Duty cycle measurement: 10.0% – 94.9% (0.66sec)
• Diode measurement
• Continuity check
• 4 ADP modes with external reference voltage and
independent “ADP” segment on LCD panel
• Temperature mode with internal scale translation
circuit from 0C to 0F
• Push functions:
*KEY function
*Range change function
*Inrush function: ACA for clampmeter only
*Relative function
*Zero function: DCA for clampmeter only
*VAHz function
*Data hold function
*MAX/MIN function
*Back light function
• High crest factor signal detection
• Band-gap reference voltage output
• OL/UL state indicator in ADP modes.
• CE selection (DC/AC 1010V, DC/AC 610V)
• Serial data output (RS232 format)
• LCD segment check when power on
• Auto power off (30min/15min)
• Sleep state indicative signal output
• Re-power on
• On-chip buzzer driver
• Low battery detection for 3V or 9V battery
Description
ES51969 is an integrated analog-to-digital
converter (ADC) with 6,600 counts LCD
display, automatic range selection, and 3V DC
power supply. Automatic range selection is
provided for voltage (AC/DC) measurement,
resistance measurement, current measurement,
capacitance
measurement,
and
frequency
counter. Expensive and bulky mechanical
range switches are not required. Other features
include inrush function, relative value display,
zero feature for DCA clampmeter, VAHZ
function,
data
holding,
maximum
and
minimum
value
holding,
duty
cycle
measurement, diode measurement, temperature
measurement, continuity checking, low battery
detection, auto power off, re-power on,
backlight driver, buzzer driver and RS232 data
output.


同様の部品番号 - ES51969

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
More results

同様の説明 - ES51969

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com