データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51982 データシート(PDF) 8 Page - Cyrustek corporation

部品番号 ES51982
部品情報  3 1/2 CAP AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51982 データシート(HTML) 8 Page - Cyrustek corporation

Back Button ES51982 Datasheet HTML 4Page - Cyrustek corporation ES51982 Datasheet HTML 5Page - Cyrustek corporation ES51982 Datasheet HTML 6Page - Cyrustek corporation ES51982 Datasheet HTML 7Page - Cyrustek corporation ES51982 Datasheet HTML 8Page - Cyrustek corporation ES51982 Datasheet HTML 9Page - Cyrustek corporation ES51982 Datasheet HTML 10Page - Cyrustek corporation ES51982 Datasheet HTML 11Page - Cyrustek corporation ES51982 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
08/09/09
8
ES51982
3 1/2 CAP AUTO DMM
1.3 Current measurement
Current measurement has three modes. The following table summarizes the full scale
range of each mode.
Mode
Range Selection
Full Scale
Automatic Mode 1
µA
200.0µA / 2000µA
Automatic Mode 2
mA
20.00mA / 200.0mA
Automatic Mode 3
A
20.00A/2.000A
Manual Mode
A
20.00A
1.4 Capacitance Measurement
The following table summarizes the eight ranges of capacitance measurement mode.
Configuration
Full Scale Range
Resistance Ratio
C1
2.000nF
R1
C2
20.00nF
R1∥ R2
C3
200.0nF
R1∥ R3
C4
2.000µF
R4
C5
20.00µF
-
C6
200.0µF
-
C7
2mF
-
Note:
1. In order to obtain an accurate reading, a capacitor must be discharged before
measurement begins. The chip has a built-in discharge mode to automatically
discharge the capacitor. In discharge mode, the LCD displays DS.C
2. Discharging through the chip is quite slow. We recommend the user to discharge the
capacitor with some other apparatus.
1.5 Continuity Check
Continuity check shares the same configuration with 200.0Ω manual resistance
measurement mode, but with buzzer output to indicate continuity. The buzzer generates a
2KHz sound whenever the digit number less than 25Ω. Because the cycle time of
measurement is only 50ms, the least significant digit will not display.
1.6 Diode Measurement
Diode measurement mode shares the same configuration with 2.000V manual voltage
measurement mode. If the test circuit is open or the voltage drop between the two ports
of the device (diode) under test is larger than 2V, the LCD panel will show “OL”. The
buzzer generates a 2KHz sound whenever the digit number is less than 0.25V. Because
the cycle time of measurement is only 50ms, the least significant digit will not display.


同様の部品番号 - ES51982

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
More results

同様の説明 - ES51982

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com