データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB16150CT データシート(PDF) 4 Page - Won-Top Electronics

部品番号 SB16150CT
部品情報  16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB16150CT データシート(HTML) 4 Page - Won-Top Electronics

  SB16150CT Datasheet HTML 1Page - Won-Top Electronics SB16150CT Datasheet HTML 2Page - Won-Top Electronics SB16150CT Datasheet HTML 3Page - Won-Top Electronics SB16150CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SB16150CT – SB16200CT
4 of 4
© 2008 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB16150CT
TO-220
50 Units/Tube
SB16200CT
TO-220
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF”
suffix to part number above. For example, SB16150CT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


同様の部品番号 - SB16150CT

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB16150CT WTE-SB16150CT Datasheet
47Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB16150CT PACELEADER-SB16150CT Datasheet
302Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB16150CT FORMOSA-SB16150CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SB16150CT SUNMATE-SB16150CT Datasheet
514Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SB16150CT

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB16150FCT WTE-SB16150FCT_08 Datasheet
51Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150CT WTE-SB16150CT Datasheet
47Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150FCT WTE-SB16150FCT Datasheet
48Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150F WTE-SB16150F Datasheet
45Kb / 4P
   16A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
September, 2012
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT_06 Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620CT WTE-SB1620CT_06 Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC Datasheet
47Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC_08 Datasheet
68Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com